전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q65110A1209 데이터시트(PDF) 3 Page - OSRAM GmbH

부품명 Q65110A1209
부품 상세설명  Silizium-PIN-Fotodiode in SMT und als Reverse Gullwing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A1209 데이터시트(HTML) 3 Page - OSRAM GmbH

  Q65110A1209 Datasheet HTML 1Page - OSRAM GmbH Q65110A1209 Datasheet HTML 2Page - OSRAM GmbH Q65110A1209 Datasheet HTML 3Page - OSRAM GmbH Q65110A1209 Datasheet HTML 4Page - OSRAM GmbH Q65110A1209 Datasheet HTML 5Page - OSRAM GmbH Q65110A1209 Datasheet HTML 6Page - OSRAM GmbH Q65110A1209 Datasheet HTML 7Page - OSRAM GmbH Q65110A1209 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BPW34, BPW34S, BPW34SR
2007-05-23
3
Kurzschlussstrom,
E
v = 1000 Ix
Short-circuit current
I
SC
80
µA
Anstiegs- und Abfallzeit des Fotostromes
Rise and fall time of the photocurrent
R
L = 50 Ω; VR = 5 V; λ = 850 nm; Ip = 800 µA
t
r, tf
20
ns
Durchlassspannung,
I
F = 100 mA, E = 0
Forward voltage
V
F
1.3
V
Kapazität,
V
R = 0 V, f = 1 MHz, E = 0
Capacitance
C
0
72
pF
Temperaturkoeffizient von
V
O
Temperature coefficient of
V
O
TC
V
– 2.6
mV/K
Temperaturkoeffizient von
I
SC
Temperature coefficient of
I
SC
TC
I
0.18
%/K
Rauschäquivalente Strahlungsleistung
Noise equivalent power
V
R = 10 V, λ = 850 nm
NEP
4.1
× 10– 14
Nachweisgrenze,
V
R = 10 V, λ = 850 nm
Detection limit
D*
6.6
× 1012
Kennwerte (
T
A = 25 ° C, Normlicht A, T = 2856 K)
Characteristics (
T
A = 25 ° C, standard light A, T = 2856 K) (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
W
Hz
------------
cm
Hz
×
W
---------------------------


유사한 부품 번호 - Q65110A1209

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
Q65110A1209 OSRAM-Q65110A1209 Datasheet
756Kb / 17P
   LIDAR, Pre-Crash, ACC Rain Sensors
More results

유사한 설명 - Q65110A1209

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
KOM2125 OSRAM-KOM2125_01 Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
Siemens Semiconductor Group
Siemens Semiconductor G...
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34F SIEMENS-BPW34F Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
OSRAM GmbH
OSRAM GmbH
BP104F OSRAM-BP104F_01 Datasheet
129Kb / 6P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
Siemens Semiconductor Group
Siemens Semiconductor G...
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
SFH2030 SIEMENS-SFH2030 Datasheet
199Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
   NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz