전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q65110A1209 데이터시트(PDF) 4 Page - OSRAM GmbH

부품명 Q65110A1209
부품 상세설명  Silizium-PIN-Fotodiode in SMT und als Reverse Gullwing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A1209 데이터시트(HTML) 4 Page - OSRAM GmbH

  Q65110A1209 Datasheet HTML 1Page - OSRAM GmbH Q65110A1209 Datasheet HTML 2Page - OSRAM GmbH Q65110A1209 Datasheet HTML 3Page - OSRAM GmbH Q65110A1209 Datasheet HTML 4Page - OSRAM GmbH Q65110A1209 Datasheet HTML 5Page - OSRAM GmbH Q65110A1209 Datasheet HTML 6Page - OSRAM GmbH Q65110A1209 Datasheet HTML 7Page - OSRAM GmbH Q65110A1209 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BPW34, BPW34S, BPW34SR
2007-05-23
4
Relative Spectral Sensitivity
S
rel = f (λ)
Dark Current
I
R = f (VR), E = 0
Directional Characteristics
S
rel = f (ϕ)
λ
OHF00078
0
rel
S
400
20
40
60
80
%
100
500 600 700 800 900
nm 1100
0
OHF00080
Ι
R
R
V
0
5
10
15
V
20
1000
2000
3000
4000
pA
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Photocurrent
I
P = f (Ev), VR = 5 V
Open-Circuit Voltage
V
O = f (Ev)
Capacitance
C = f (V
R), f = 1 MHz, E = 0
E
OHF01066
V
0
10
P
Ι
-1
10
10
1
10
2
10
4
10
0
10
1
10
2
10
34
10
3
10
2
10
1
10
10
0
V
O
µAmV
Ι
P
V
O
10
3
lx
V
OHF00081
R
-2
10
C
0
-1
10
0
10
1
10
2
10
V
10
20
30
40
50
60
70
80
pF
100
Total Power Dissipation
P
tot = f (TA)
Dark Current
I
R = f (TA), VR = 10 V, E = 0
T
OHF00958
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160
T
OHF00082
A
-1
10
0
R
Ι
10
0
10
1
10
2
10
3
nA
20
40
60
80 ˚C 100


유사한 부품 번호 - Q65110A1209

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
Q65110A1209 OSRAM-Q65110A1209 Datasheet
756Kb / 17P
   LIDAR, Pre-Crash, ACC Rain Sensors
More results

유사한 설명 - Q65110A1209

제조업체부품명데이터시트부품 상세설명
OSRAM GmbH
OSRAM GmbH
KOM2125 OSRAM-KOM2125_01 Datasheet
195Kb / 5P
   2fach-Silizium-PIN Fotodiode in SMT
BP104FS-Z OSRAM-BP104FS-Z Datasheet
185Kb / 7P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter; in SMT
Siemens Semiconductor Group
Siemens Semiconductor G...
BP104F SIEMENS-BP104F Datasheet
38Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
BPW34F SIEMENS-BPW34F Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
OSRAM GmbH
OSRAM GmbH
BP104F OSRAM-BP104F_01 Datasheet
129Kb / 6P
   Silizium-Pin-Fotodiode mit Tageslichtsperrfilter
BP104S OSRAM-BP104S_01 Datasheet
99Kb / 5P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
Siemens Semiconductor Group
Siemens Semiconductor G...
BPX65 SIEMENS-BPX65 Datasheet
207Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
SFH2030 SIEMENS-SFH2030 Datasheet
199Kb / 4P
   Silizium-PIN-Fotodiode mit sehr kurzer Schaltzeit Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
   Silizium-PIN-Fotodiode Silicon PIN Photodiode
KOM2125 SIEMENS-KOM2125 Datasheet
241Kb / 4P
   NEU: 2fach-Silizium-PIN-Fotodiode in SMT NEW: 2-Chip Silicon PIN Photodiode in SMT
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz