전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

P6KE6V8CA 데이터시트(HTML) 1 Page - Diodes Incorporated

부품명 P6KE6V8CA
상세내용  600W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo 

P6KE6V8CA 데이터시트(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 1 / 4 page
background image
DS21502 Rev. 12 - 2
1 of 4
P6KE6V8(C)A - P6KE400(C)A
P6KE6V8(C)A - P6KE400(C)A
600W TRANSIENT VOLTAGE SUPPRESSOR
·
600W Peak Pulse Power Dissipation
·
Voltage Range 6.8V - 400V
·
Constructed with Glass Passivated Die
·
Uni- and Bidirectional Versions Available
·
Excellent Clamping Capability
·
Fast Response Time
Maximum Ratings
@ TA = 25°C unless otherwise specified
Features
·
Case: Transfer Molded Epoxy
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Leads: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Marking: Unidirectional - Type Number and
Cathode Band
·
Marking: Bidirectional - Type Number Only
·
Approx. Weight: 0.4 grams
Mechanical Data
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.6
All Dimensions in mm
Characteristic
Symbol
Value
Unit
Peak Power Dissipation, tp = 1.0 ms
(Non repetitive current pulse, derated above TA = 25°C)
Ppk
600
W
Steady State Power Dissipation at TL = 75°C
Lead Lengths 9.5 mm (Mounted on Copper Land Area of 40mm
2
)
Pd
5.0
W
Peak Forward Surge Current, 8.3 ms Single Half Sine Wave, Superimposed
on Rated Load (JEDEC Method) Duty Cycle = 4 pulses per minute maximum
IFSM
100
A
Forward Voltage @ IF = 35A
VBR
£ 200V
300µs Square Wave Pulse, Unidirectional Only
VBR > 200V
VF
3.5
5.0
V
Operating and Storage Temperature Range
Tj,TSTG
-55 to +175
°C
Notes:
1. Suffix ‘C’ denotes bidirectional device.
2. For bidirectional devices having VR of 10 volts and under, the IR limit is doubled.


Html Pages

1  2  3  4 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn