전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA16CA 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 SA16CA
상세설명  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA16CA 데이터시트(HTML) 1 Page - Diodes Incorporated

  SA16CA Datasheet HTML 1Page - Diodes Incorporated SA16CA Datasheet HTML 2Page - Diodes Incorporated SA16CA Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS21501 Rev. 10 - 2
1 of 3
SA5V0A - SA170A
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Power Dissipation, Tp = 1.0ms
(Non repetitive current pulse, derated above TA = 25°C)
Ppk
500
W
Steady State Power Dissipation at TL = 75°C
Lead Lengths 9.5 mm (Board mounted)
Pd
1.0
W
Peak Forward Surge Current, 8.3 Single Half Sine Wave
Superimposed on Rated Load
Duty Cycle = 4 pulses per minute maximum
IFSM
70
A
Forward Voltage @ IF = 35A 300µs Square Wave Pulse,
Unidirectional Only
VF
3.5
V
Operating and Storage Temperature Range
TJ,TSTG
-65 to +175
°C
·
Case: Transfer Molded Epoxy
·
Plastic Case Material has UL Flammability
Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Leads: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Marking: Unidirectional: Type Number and
Cathode Band
·
Marking Bi-directional: Type Number Only
·
Approx. Weight: 0.4 grams
·
Constructed with Glass Passivated Die
·
Excellent Clamping Capability
·
500W Peak Pulse Power Dissipation
·
Fast Response Time
·
100% Tested at Rated Peak Pulse Power
·
Voltage Range 5.0 - 170 Volts
·
Unidirectional and Bi-directional Versions
Available (Note 1)
Mechanical Data
Features
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
B
5.50
7.62
C
0.686
0.889
D
2.60
3.6
All Dimensions in mm
Notes:
1. Suffix “A” denotes unidirectional, suffix “CA” denotes bi-directional device.
2. For bi-directional devices having VR of 10 volts and under, the IR limit is doubled.
SA5V0A - SA170A
500W TRANSIENT VOLTAGE SUPPRESSOR


유사한 부품 번호 - SA16CA

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA16CA PANJIT-SA16CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Shenzhen Luguang Electr...
SA16CA LUGUANG-SA16CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SA16CA SEMITECH-SA16CA Datasheet
244Kb / 6P
   Uni-directional Versions Available
logo
Won-Top Electronics
SA16CA WTE-SA16CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
SA16CA MERITEK-SA16CA Datasheet
293Kb / 4P
   Transient Voltage Suppressors
More results

유사한 설명 - SA16CA

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com