전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SBM1040 데이터시트(HTML) 3 Page - Diodes Incorporated

부품명 SBM1040
상세내용  10A LOW VF SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo 

SBM1040 데이터시트(HTML) 3 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
/ 3 page
 3 / 3 page
background image
DS30255 Rev. F-2
3 of 3
SBM1040
0
1
2
3
5
4
6
7
8
0
1.5
4.5
3
6
7.5
9 10.5 12 13.5 15
I
, AVERAGE FORWARD CURRENT (A)
Fig. 5 Forward Power Dissipation
F(AV)
T = 150°C
j
dc
2
1
Ordering Information (Note 3)
Device
Packaging
Shipping
SBM1040-13
POWERMITE
â3
5000/Tape & Reel
Marking Information
SBM1040 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year ex: 02 for 2002
WW = Week code 01 to 52
YYWW
SBM1040
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Notes:
1. Device mounted on GETEK substrate, 2”x2”, 2 oz. copper, double-sided, cathode pad dimensions 0.75” x 1.0”, anode pad
dimensions 0.25” x 1.0”. RqJA in range of 15-30°C/W.
2. Device mounted on FR-4 substrate, 2”x2”, 2 oz. copper, single-sided, pad layout as per Diodes Inc. suggested pad layout
document AP02001 which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. RqJA in range of
60-75°C/W.
POWERMITE is a registered trademark of MicroSemi Corporation.


Html Pages

1  2  3 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn