전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB280 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 SB280
상세설명  Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SB280 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  SB280 Datasheet HTML 1Page - Cystech Electonics Corp. SB280 Datasheet HTML 2Page - Cystech Electonics Corp. SB280 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C777LG
Issued Date : 2011.08.16
Revised Date :
Page No. : 1/3
SB270 thru SB2B0
CYStek Product Specification
Schottky Barrier Rectifiers
Reverse Voltage 70V to 100V Forward Current 2.0 Amperes
SB270 thru SB2B0
Features
• Metal semiconductor junction with guard ring
• Epitaxial construction
• Low forward voltage drop
• High current capability
• The plastic material carries UL recognition 94V-0
• For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
Mechanical Characteristics:
•Case: JEDEC DO-204AC(DO-15) molded plastic
•Terminals: Tin plated axial leads, solderable per MIL-STD-750, method 2026
•Polarity: Color band denotes cathode
•Mounting position: Any
•Weight : 0.014oz., 0.39grams
Maximum Ratings and Electrical Characteristics
(Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For
capacitive load, derate current by 20%)
Type
Parameter
Symbol
SB270 SB280 SB290 SB2B0
Units
Maximum repetitive peak reverse voltage
VRRM
70
80
90
100
V
Maximum RMS voltage
VRMS
49
56
81
70
V
Maximum DC blocking voltage
VDC
70
80
90
100
V
TJ=25°C
0.79
Maximum forward voltage at 2A
TJ=100°C
VF
0.69
V
Maximum average forward rectified current @ TL=100°C
IF(AV)
2
A
Peak forward surge current @8.3ms single half sine wave
superimposed on rated load (JEDEC method)
IFSM
60
A
TJ=25°C
0.5
Maximum DC reverse current at
rated DC blocking voltage
TJ=100°C
IR
10
mA
Typical thermal resistance (Note 1)
RθJA
20
°C/W
Typical junction capacitance (Note 2)
CJ
50
pF
Operating junction temperature range
TJ
-55 ~ +125
°C
Storage temperature range
TSTG
-55 ~ +150
°C
Note: 1.Thermal resistance, junction to ambient.
2.Measured at1.0MHz and applied reverse voltage of 4.0VDC


유사한 부품 번호 - SB280

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
SB280 BILIN-SB280 Datasheet
281Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB280 PANJIT-SB280 Datasheet
41Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes)
logo
First Silicon Co., Ltd
SB280 FS-SB280 Datasheet
125Kb / 2P
   Schottky Rectifier
logo
SynSemi, Inc.
SB280 SYNSEMI-SB280 Datasheet
37Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Leshan Radio Company
SB280 LRC-SB280 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results

유사한 설명 - SB280

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com