전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI8518-B-GM 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 SI8518-B-GM
상세설명  Si85XX UNIDIRECTIONAL AC CURRENT SENSORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SI8518-B-GM 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI8518-B-GM Datasheet HTML 3Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 4Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI8518-B-GM Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Si85xx
Preliminary Rev. 0.4
7
Table 5. IEC 60747-5-2 Insulation Characteristics*
Parameter
Symbol
Test Condition
Characteristic
Unit
SOIC-20
Maximum Working Insulation Voltage
VIORM
1414
V peak
Input to Output Test Voltage
VPR
Method b1
(VIORM x 1.875 = VPR, 100%
Production Test, tm =1 sec,
Partial Discharge < 5 pC)
2652
V peak
Transient Overvoltage
VIOTM
t = 60 s
8000
V peak
Pollution Degree
(DIN VDE 0110, Table 1)
2
Insulation Resistance at TS, VIO =500 V
RS
>109
W
Note: The Si85xx is suitable for basic and reinforced electrical isolation only within the safety limit data. Maintenance of the
safety data is ensured by protective circuits. The Si85xx provides a climate classification of 40/125/21. Note that the
Si85xx is compliant with the IEC60747-5-2 but neither certified nor inspected to IEC60747-5-2. The Si85xx is
compliant, certified, and factory-inspected to IEC60950.
Table 6. IEC Safety Limiting Values1
Parameter
Symbol
Test Condition
SOIC-20
Unit
Case Temperature
TS
150
°C
Safety Input Current
IS
JA = 85, VDD =5.5 V,
IIN to IOUT = 20 A,
TJ =150 °C, TA =25°C
30
A
Device Power Dissipation2
PD
0.9
W
Notes:
1. Maximum value allowed in the event of a failure. Refer to the thermal derating curve in Figure 1.
2. The Si85xx is tested with VDD = 5.5 V, TJ =150 ºC, CL = 15 pF, and with an input current from IIN to IOUT equal to
20 Amps at 500 kHz (duty cycle = 50%).


유사한 부품 번호 - SI8518-B-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI8518-B-GM SILABS-SI8518-B-GM Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
More results

유사한 설명 - SI8518-B-GM

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI85XX SILABS-SI85XX Datasheet
341Kb / 24P
   UNIDIRECTIONAL AC CURRENT SENSORS
logo
Copal Electronics
C-CT COPAL-C-CT Datasheet
282Kb / 2P
   AC CURRENT SENSORS
logo
TDK Electronics
CCT323047-100-16-00 TDK-CCT323047-100-16-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-02 TDK-CCT272440-80-10-02 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT354571-300-24-00 TDK-CCT354571-300-24-00 Datasheet
145Kb / 2P
   Clamp AC Current Sensors
CCT406393-600-36-02 TDK-CCT406393-600-36-02 Datasheet
147Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-02 TDK-CCT261631-30-06-02 Datasheet
160Kb / 2P
   Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
   Clamp AC Current Sensors
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
CCT323047-100-16-02 TDK-CCT323047-100-16-02 Datasheet
158Kb / 2P
   Clamp AC Current Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com