전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB2016T1R5M 데이터시트(PDF) 9 Page - Taiyo Yuden (U.S.A.), Inc

부품명 LB2016T1R5M
상세설명  WIRE-WOUND CHIP INDUCTORS (LB SERIES)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB2016T1R5M 데이터시트(HTML) 9 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LB2016T1R5M Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc LB2016T1R5M Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc LB2016T1R5M Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc LB2016T1R5M Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc LB2016T1R5M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LB2016T1R5M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LB2016T1R5M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LB2016T1R5M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LB2016T1R5M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_wound_CB_LB_reli_e-E02R01
WIRE-WOUND CHIP INDUCTORS (LB SERIES),
WIRE-WOUND CHIP POWER INDUCTORS (CB SERIES),
WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
RELIABILITY DATA
1.Operating temperature Range
Specified Value
LB, LBC, LBR, LBMF Series
-40~+105℃(Including self-generated heat)
CB, CBC, CBL, CBMF Series
LBM Series
2. Storage Temperature Range(after soldering)
Specified Value
LB, LBC, LBR, LBMF Series
-40~+85℃
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB, CB Series:
Please refer the term of "7. storage conditions" in precautions.
3.Rated Current
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
4.Inductance
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
LB・LBC・LBR・CB・CBC・CBL・LBMF・CBMF・LBM Series
Measuring equipment
:LCR Mater(HP4285A or its equivalent)
5.Q
Specified Value
LB, LBC, LBR, LBMF Series
CB, CBC, CBL, CBMF Series
LBM Series
Within the specified tolerance
Test Methods and
Remarks
LBM Series
Measuring equipment
: LCR Mater(HP4285A or its equivalent)
6.DC Resisitance
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Measuring equipment : DC Ohmmeter (HIOKI 3227 or its equivalent)
7.Self-Resonant Frequency
Specified Value
LB, LBC, LBR, LBMF Series
Within the specified tolerance
CB, CBC, CBL, CBMF Series
LBM Series
Test Methods and
Remarks
Measuring equipment : Impedance analyzer (HP4291A or its equivalent)


유사한 부품 번호 - LB2016T1R5M

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LB2016T1R5M TAIYO-YUDEN-LB2016T1R5M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
LB2016T1R5M TAIYO-YUDEN-LB2016T1R5M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
LB2016T1R5M TAIYO-YUDEN-LB2016T1R5M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LB2016T1R5M TAIYO-YUDEN-LB2016T1R5M Datasheet
289Kb / 13P
   WIRE-WOUND CHIP INDUCTORS (LB SERIES)
LB2016T1R5M TAIYO-YUDEN-LB2016T1R5M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results

유사한 설명 - LB2016T1R5M

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
LB2518T470M TAIYO-YUDEN-LB2518T470M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T471M TAIYO-YUDEN-LB2518T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T2R2M TAIYO-YUDEN-LB2518T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2518T4R7M TAIYO-YUDEN-LB2518T4R7M Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T102K TAIYO-YUDEN-LB3218T102K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T221K TAIYO-YUDEN-LB3218T221K Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T470M TAIYO-YUDEN-LB3218T470M_19 Datasheet
289Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB3218T471M TAIYO-YUDEN-LB3218T471M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T101M TAIYO-YUDEN-LB2012T101M_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T150K TAIYO-YUDEN-LB2012T150K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
LB2012T470K TAIYO-YUDEN-LB2012T470K_19 Datasheet
288Kb / 3P
   Wire-wound Chip Inductors (LB series)[LB]
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com