전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMCJ100A 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 SMCJ100A
상세설명  Surface Mount Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

SMCJ100A 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  SMCJ100A Datasheet HTML 1Page - Cystech Electonics Corp. SMCJ100A Datasheet HTML 2Page - Cystech Electonics Corp. SMCJ100A Datasheet HTML 3Page - Cystech Electonics Corp. SMCJ100A Datasheet HTML 4Page - Cystech Electonics Corp. SMCJ100A Datasheet HTML 5Page - Cystech Electonics Corp. SMCJ100A Datasheet HTML 6Page - Cystech Electonics Corp. SMCJ100A Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C493SC
Issued Date : 2011.05.19
Revised Date :
Page No. : 1/7
SMCJ5.0 thru SMCJ440CA
CYStek Product Specification
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 1500W
Working Voltage 5.0 to 440V
SMCJ5.0 thru SMCJ440CA
Features
Outline
• Glass passivated chip
DO-214AB (SMC)
• Low leakage
• Uni- and Bidirectional unit
• Excellent clamping capability
• Very-fast response time
• 1500W peak pulse power capability with a 10/1000μs waveform,
repetition rate (duty cycle) : 0.01%
• RoHS compliant package
Mechanical Data
• Case : JEDEC DO-214AB(SMC) molded plastic body
• Epoxy : Plastic package has UL flammability classification 94V-0
• Terminals: Pure tin plated, solderable per MIL-STD-750 method 2026
• Polarity: Color band denotes cathode end except Bipolar
• Mounting position : Any
Devices for bidirectional applications
For bi-directional devices, use suffix CA (e.g. SMCJ10CA). Electrical characteristics apply in both directions.
Maximum Ratings and Characteristics(TA=25
°C, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform
PPP
1500 (Note 1)
W
Peak pulse current with a 10/1000μs waveform
IPP
See next table (Note 1)
A
Peak forward surge current, 8.3ms single half sine wave
unidirectional only (Note 2)
IFSM
200
A
Maximum instantaneous forward voltage at 100A for
unidirectional only (Note 3)
VF
3.5/5.0
V
Power dissipation on infinite heatsink at TL=75°C
PD
6.5
W
Operating junction and storage temperature range
TJ ; TSTG
-55 ~ +150
°C
Notes: 1.Non-repetitive current pulse, per Fig. 5 and derated above TA=25°C per Fig. 1.
2.Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum.
3.VF<3.5V for devices of VBR<200V and VF<5V for devices of VBR>201V.


유사한 부품 번호 - SMCJ100A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
SMCJ100A TSC-SMCJ100A Datasheet
177Kb / 5P
   1500 Watts Suface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
SMCJ100A UMW-SMCJ100A Datasheet
659Kb / 4P
   5V-188V 1500W
logo
Dc Components
SMCJ100A DCCOM-SMCJ100A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ100A VISHAY-SMCJ100A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SMCJ100A VISHAY-SMCJ100A Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
More results

유사한 설명 - SMCJ100A

제조업체부품명데이터시트상세설명
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com