전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

Q6016LH651 데이터시트(PDF) 4 Page - Littelfuse

부품명 Q6016LH651
부품 상세설명  15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

Q6016LH651 데이터시트(HTML) 4 Page - Littelfuse

  Q6016LH651 Datasheet HTML 1Page - Littelfuse Q6016LH651 Datasheet HTML 2Page - Littelfuse Q6016LH651 Datasheet HTML 3Page - Littelfuse Q6016LH651 Datasheet HTML 4Page - Littelfuse Q6016LH651 Datasheet HTML 5Page - Littelfuse Q6016LH651 Datasheet HTML 6Page - Littelfuse Q6016LH651 Datasheet HTML 7Page - Littelfuse Q6016LH651 Datasheet HTML 8Page - Littelfuse Q6016LH651 Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
110
Revised: November 1, 2010 05:04 PM
©2010 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
15 Amp Standard & 16 Amp Alternistor (High Commutation) Triacs
Qxx15xx & Qxx16xHx Series
Figure 3: Normalized DC Holding Current
vs. Junction Temperature
+125
0.0
1.0
2.0
3.0
4.0
-65
-40
-15
10
35
60
85
100
Junction Temperature (T
J) - ºC
Figure 4: Normalized DC Gate Trigger Voltage for
All Quadrants vs. Junction Temperature
+125
0.0
0.5
1.0
1.5
2.0
-65
-40
-15
10
35
60
85
100
Junction Temperature (T
J) - ºC
0
2
4
6
8
10
12
14
16
18
RMS On-State Current [I
T(RMS)] - AMPS
0
2
4
6
8
10
12
14
16
18
Figure 5: Power Dissipation (Typical)
vs. RMS On-State Current
Figure 6: Maximum Allowable Case Temperature
vs. On-State Current (15A devices)
Qxx15L5
Qxx15R5
Qxx15N5
60
70
80
90
100
110
120
130
0
5
10
15
RMS On-State Current [I
T(RMS)] - AMPS
o
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
CASE TEMPERATURE: Measured as shown
on dimensional drawing
Figure 8: Maximum Allowable Ambient Temperature
vs. On-State Current
20
30
40
50
60
70
80
90
100
110
120
RMS On-State Current [I
T(RMS)] - AMPS
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
CASE TEMPERATURE: Measured as shown
on dimensional drawing
Qxx15Ry
Qxx15L
Qxx16RHy
Qxx16LHy
Figure 7: Maximum Allowable Case Temperature
vs. On-State Current (16A devices)
Qxx16LHy
Qxx16RHy
Qxx16NHy
60
70
80
90
100
110
120
130
0
5
10
15
20
RMS On-State Current [I
T(RMS)] - AMPS
CURRENT WAVEFORM: Sinusoidal
LOAD: Resistive or Inductive
CONDUCTION ANGLE: 360
CASE TEMPERATURE: Measured as shown
on dimensional drawing


유사한 부품 번호 - Q6016LH651

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
Q6016LH6 LITTELFUSE-Q6016LH6 Datasheet
182Kb / 10P
   Alternistor Triacs (6 A to 40 A)
List of Unclassifed Manufacturers
List of Unclassifed Man...
Q6016LH6 ETC2-Q6016LH6 Datasheet
188Kb / 10P
   Alternistor Triacs
More results

유사한 설명 - Q6016LH651

제조업체부품명데이터시트부품 상세설명
Littelfuse
Littelfuse
Q6025J6TP LITTELFUSE-Q6025J6TP Datasheet
278Kb / 11P
   25 Amp Standard Alternistor (High Commutation) Triacs
Q4025K6TP LITTELFUSE-Q4025K6TP Datasheet
1,005Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
Q4025N5RP LITTELFUSE-Q4025N5RP Datasheet
320Kb / 11P
   25 Amp Standard & Alternistor (High Commutation) Triacs
E71639 LITTELFUSE-E71639 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
Q6008DH3RP LITTELFUSE-Q6008DH3RP Datasheet
435Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
LJXX08XX LITTELFUSE-LJXX08XX Datasheet
497Kb / 8P
   8 Amp High Temperature Sensitive & Alternistor (High Commutation) Triacs
LJXX06XX LITTELFUSE-LJXX06XX Datasheet
554Kb / 8P
   6 Amp High Temp Sensitive & Alternistor (High Commutation) Triacs
Q4010N5RP LITTELFUSE-Q4010N5RP Datasheet
967Kb / 9P
   10 Amp Standard & Alternistor (High Communitation) Triacs
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
More results


Html Pages

1  2  3  4  5  6  7  8  9 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com