전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM360FL 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SM360FL
상세설명  Voltage 60V 3Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM360FL 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM360FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM360FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM360FL
Voltage 60V
3.0 Amp Schottky Barrier Rectifiers
26-Dec-2013 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


유사한 부품 번호 - SM360FL

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM360FL SECOS-SM360FL_15 Datasheet
210Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
More results

유사한 설명 - SM360FL

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SBR1060F SECOS-SBR1060F Datasheet
355Kb / 2P
   VOLTAGE 60V 10.0AMP Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060 Datasheet
355Kb / 2P
   VOLTAGE 60V 10.0AMP Schottky Barrier Rectifiers
SBR3060RF SECOS-SBR3060RF Datasheet
370Kb / 2P
   VOLTAGE 60V 30.0AMP Schottky Barrier Rectifiers
SBR3060R SECOS-SBR3060R Datasheet
391Kb / 2P
   VOLTAGE 60V 30.0AMP Schottky Barrier Rectifiers
SBR2060F SECOS-SBR2060F Datasheet
364Kb / 2P
   VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060 Datasheet
389Kb / 2P
   VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060_11 Datasheet
288Kb / 2P
   Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_11 Datasheet
331Kb / 2P
   Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP1060 SECOS-SP1060_11 Datasheet
262Kb / 2P
   Voltage 60V 10 Amp Schottky Barrier Rectifiers
1S20 SECOS-1S20 Datasheet
279Kb / 2P
   VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com