전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD561JNZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD561JNZ
상세설명  Low Cost 10-Bit Low Cost 10-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD561JNZ 데이터시트(HTML) 4 Page - Analog Devices

  AD561JNZ Datasheet HTML 1Page - Analog Devices AD561JNZ Datasheet HTML 2Page - Analog Devices AD561JNZ Datasheet HTML 3Page - Analog Devices AD561JNZ Datasheet HTML 4Page - Analog Devices AD561JNZ Datasheet HTML 5Page - Analog Devices AD561JNZ Datasheet HTML 6Page - Analog Devices AD561JNZ Datasheet HTML 7Page - Analog Devices AD561JNZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD561
–4–
REV. A
THE AD561 OFFERS TRUE 10-BIT RESOLUTION OVER
FULL TEMPERATURE RANGE
Accuracy: Analog Devices defines accuracy as the maximum
deviation of the actual, adjusted DAC output (see page 5) from
the ideal analog output (a straight line drawn from 0 to FS – l
LSB) for any bit combination. The AD561 is laser trimmed to
1/4 LSB (0.025% of FS) maximum error at +25
°C for the K
and T versions – 1/2 LSB for the J and S.
Monotonicity: A DAC is said to be monotonic if the output
either increases or remains constant for increasing digital inputs
such that the output will always be a single-valued function of the
input. All versions of the AD561 are monotonic over their full
operating temperature range.
Differential Nonlinearity: Monotonic behavior requires that
the differential nonlinearity error be less than
1 LSB both at +25
°C and over the temperature range of
interest. Differential nonlinearity is the measure of the variation
in analog value, normalized to full scale, associated with a
1 LSB change in digital input code. For example, for a 10 volt
full scale output, a change of 1 LSB in digital input code should
result in a 9.8 mV change in the analog output (1 LSB = 10 V
× 1/1024 = 9.8 mV). If in actual use, however, a 1 LSB change
in the input code results in a change of only 2.45 mV (1/4 LSB)
in analog output, the differential nonlinearity error would be
7.35 mV, or 3/4 LSB The AD561K and T have a max differen-
tial linearity error of 1/2 LSB.
The differential nonlinearity temperature coefficient must also
be considered if the device is to remain monotonic over its full
operating temperature range. A differential nonlinearity tempera-
ture coefficient of 2.5 ppm/
°C could, under worst case condi-
tions for a temperature change of +25
°C to +125°C, add 0.025%
(100
2.5 ppm/
°C of error). The resulting error could then be
as much as 0.025% + 0.025% = 0.05% of FS (1/2 LSB represents
0.05% of FS). To be sure of accurate performance all versions of
the AD561 are therefore 100% tested to be monotonic over the
full operating temperature range.
Figure 1. Chip Bonding Diagram
CONNECTING THE AD561 FOR BUFFERED VOLTAGE
OUTPUT
The standard current-to-voltage conversion connections using
an operational amplifier are shown here with the preferred
trimming techniques. If a low offset operational amplifier
(AD510, AD741L, AD301AL) is used, excellent performance
can be obtained in many situations without trimming. (A 5 mV
op amp offset is equivalent to 1/2 LSB on a 10 volt scale.) If a
25
Ω fixed resistor is substituted for the 50 Ω trimmer, unipolar
zero will typically be within
±1/10 LSB (plus op amp offset),
and full scale accuracy will be within
±1 LSB. Substituting a
25
Ω resistor for the 50 Ω bipolar offset trimmer will give a
bipolar zero error typically within
±1 LSB.
The AD509 is recommended for buffered voltage-output
applications that require a settling time to
±1/2 LSB of one
microsecond. The feedback capacitor is shown with the
optimum value for each application; this capacitor is required to
compensate for the 25 picofarad DAC output capacitance.
ORDERING GUIDE
ACCURACY
GAIN T C
PACKAGE
MODEL1
TEMP RANGE
@ +25 C
(of FS/ C)
OPTION2
AD561JD
0
°C to +70°C
±1/2 LSB max
80 ppm max
D-16
AD561JN
0
°C to +70°C
±1/2 LSB max
80 ppm max
N-16
AD561KD
0
°C to +70°C
±1/4 LSB max
30 ppm max
D-16
AD561KN
0
°C to +70°C
±1/4 LSB max
30 ppm max
N-16
AD561SD
–55
°C to +125°C ±1/2 LSB max
60 ppm max
D-16
AD561TD
–55
°C to +125°C ±1/4 LSB max
30 ppm max
D-16
AD561/883B
–55
°C to +125°C*
*
*
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the
Analog Devices Military Products Databook or current AD561/883B data sheet.
2D = Ceramic DIP; N = Plastic DIP.
*Refer to AD561/883B military data sheet.
PIN CONFIGURATION
TOP VIEW


유사한 부품 번호 - AD561JNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD561JN AD-AD561JN Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
More results

유사한 설명 - AD561JNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7533 AD-AD7533 Datasheet
332Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD8383 AD-AD8383_15 Datasheet
382Kb / 16P
   Low Cost 10-Bit, 6-Channel Output
REV. 0
AD7533 AD-AD7533_15 Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533JNZ AD-AD7533JNZ Datasheet
353Kb / 12P
   CMOS Low Cost, 10-Bit Multiplying DAC
REV. C
AD7533 AD-AD7533 Datasheet
337Kb / 6P
   CMOS LOW COST 10-BIT MULTIPLYING DAC
REV. A
AD561 AD-AD561_15 Datasheet
213Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561 AD-AD561_17 Datasheet
623Kb / 5P
   LOW COST, 10-BIT MONOLITHIC D/A CONVERTER
AD561 AD-AD561 Datasheet
210Kb / 8P
   Low Cost 10-Bit Monolithic D/A Converter
REV. A
AD561SD-883B AD-AD561SD-883B Datasheet
524Kb / 6P
   Low Cost 10-Bit Monolithic D/A Converter
REV. G
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com