전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ45A 데이터시트(PDF) 3 Page - Littelfuse

부품명 SMBJ45A
상세설명  Silicon Avalanche Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMBJ45A 데이터시트(HTML) 3 Page - Littelfuse

  SMBJ45A Datasheet HTML 1Page - Littelfuse SMBJ45A Datasheet HTML 2Page - Littelfuse SMBJ45A Datasheet HTML 3Page - Littelfuse SMBJ45A Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Silicon Avalanche Diodes
264
www .littelfuse .com
SMBJ Series
600W Surface Mount Transient Voltage Supressors
®
Ratings and Characteristic Curves TA=25˚C unless otherwise noted
Fig. 1 Peak Pulse Power Rating
Fig. 3 Pulse Waveform
Fig. 5- Typ. Transient Thermal Impedance
Fig. 6- Maximum Non-Repetitive Peak
Fig. 4- Typical Junction Capacitance
Fig. 2 Pulse Derating Curve
td- Pulse Width (sec.)
TA- Ambient Temperature (˚C)
0.1µs
1.0µs
10µs
100µs
1.0ms
10ms
0.1
1
10
100
0.2x0.2"(5.0x5.0mm)
Copper Pad Areas
0
0
0
0.1
1.0
10
100
50
100
150
1.0
2.0
3.0
4.0
0.001
0.01
0.1
1
10
100
1000
1
10
100
200
6000
1000
100
10
1.0
10
100
200
10
100
0
25
25
50
50
75
75
100
100
125 150 175 200
tp- Pulse Duration(sec)
Number of Cycles at 60Hz
VWM-Reverse Stand-Off Voltage (V)
Forward Surge Current
tr=10µsec
Peak Value
IPPM
Half Value IPPM
2
TJ=25˚C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
td
8.3 Single Half Sine-Wave
(JEDEC Method)
Undirectional Only
Measured at
Zero Bias
Uni-Directional
Bi-Directional
TJ=25˚C
f=1.0MHZ
Vsig=50mVp-p
VR, Measured at
Stand-Off
Voltage, VWM
RoHS


유사한 부품 번호 - SMBJ45A

제조업체부품명데이터시트상세설명
logo
Littelfuse
SMBJ45A LITTELFUSE-SMBJ45A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
StarHope
SMBJ45A SPSEMI-SMBJ45A Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
logo
Jinan Gude Electronic D...
SMBJ45A JGD-SMBJ45A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ45A SOCAY-SMBJ45A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
SAMYANG ELECTRONICS CO....
SMBJ45A SAMYANG-SMBJ45A Datasheet
1Mb / 4P
   SAMYANG ELECTRONICS
More results

유사한 설명 - SMBJ45A

제조업체부품명데이터시트상세설명
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
1KSMBJ47CA LITTELFUSE-1KSMBJ47CA Datasheet
217Kb / 4P
   Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com