전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLL3303TRPBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRLL3303TRPBF
상세설명  Surface Mount
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLL3303TRPBF 데이터시트(HTML) 1 Page - International Rectifier

  IRLL3303TRPBF Datasheet HTML 1Page - International Rectifier IRLL3303TRPBF Datasheet HTML 2Page - International Rectifier IRLL3303TRPBF Datasheet HTML 3Page - International Rectifier IRLL3303TRPBF Datasheet HTML 4Page - International Rectifier IRLL3303TRPBF Datasheet HTML 5Page - International Rectifier IRLL3303TRPBF Datasheet HTML 6Page - International Rectifier IRLL3303TRPBF Datasheet HTML 7Page - International Rectifier IRLL3303TRPBF Datasheet HTML 8Page - International Rectifier IRLL3303TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLL3303PbF
HEXFET® Power MOSFET
S
D
G
VDSS = 30V
RDS(on) = 0.031Ω
ID = 4.6A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low
on-resistance per silicon area.
This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs
are well known for, provides the designer with an extremely
efficient and reliable device for use in a wide variety of
applications.
The SOT-223 package is designed for surface-mount
using vapor phase, infra red, or wave soldering techniques.
Its unique package design allows for easy automatic pick-
and-place as with other SOT or SOIC packages but has
the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation
of 1.0W is possible in a typical surface mount application.
04/27/04
Description
l Surface Mount
l Dynamic dv/dt Rating
l Logic-Level Gate Drive
l Fast Switching
l Ease of Paralleling
l Advanced Process Technology
l Ultra Low On-Resistance
l Lead-Free
SO T -2 2 3
* When mounted on FR-4 board using minimum recommended footprint.
** When mounted on 1 inch square copper board, for comparison with other SMD devices.
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Amb. (PCB Mount, steady state)*
93
120
RθJA
Junction-to-Amb. (PCB Mount, steady state)**
48
60
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V**
6.5
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V*
4.6
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V*
3.7
IDM
Pulsed Drain Current

37
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.1
W
PD @TA = 25°C
Power Dissipation (PCB Mount)*
1.0
W
Linear Derating Factor (PCB Mount)*
8.3
mW/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
140
mJ
IAR
Avalanche Current

4.6
A
EAR
Repetitive Avalanche Energy

0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
1.3
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
www.irf.com
1
PD- 95223


유사한 부품 번호 - IRLL3303TRPBF

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
IRLL3303TRPBF VBSEMI-IRLL3303TRPBF Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - IRLL3303TRPBF

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Microsemi Corporation
MLL14KESD50-1 MICROSEMI-MLL14KESD50-1 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com