전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM-104 데이터시트(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

부품명 FM-104
상세설명  Broadband Frequency Doubler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MA-COM [M/A-COM Technology Solutions, Inc.]
홈페이지  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FM-104 데이터시트(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FM-104 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FM-104 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Broadband Frequency Doubler,
150 - 3000 MHz Output
Rev. V3
FM-104
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions is
considering for development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has
under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline
has been fixed. Engineering samples and/or test data may be available. Commitment to produce in volume is
not guaranteed.
FP-3
Features
n
Hermetic Flatpack
n
Multioctave Frequency Coverage
n
Conversion Loss: 10 dB Midband
n
Impedance: 50 Ohms Nominal
n
Maximum Input Power: 300 mW Max.
n
MIL-STD-202 Screening Available
Description
A transmission line balun transformer connects to Schottky
diodes arranged in a bridge configuration.
This design
allows balanced activation of all diodes, and yields
excellent conversion loss, and odd-order term suppression.
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
Input
Output
75 - 1500
150 - 3000
MHz
MHz
Conversion Loss
75 - 1000 MHz
1000 - 1500 MHz
dB
dB
12
14
Spurious (Referred to
Output F2 Level)
F1
F3
75 - 1000 MHz
1000 - 1500 MHz
225 - 3000 MHz
3000 - 4500 MHz
dB
dB
dB
dB
20
17
20
17
VSWR
Input
Ratio
<2.5:1
Conversion Loss as
Quadrupler
dB
26
1. All specifications apply when operated at +13 dBm input power with 50 ohm source and load impedance.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
GND
6
GND
2
GND
7
GND
3
Input
8
Output
4
GND
9
GND
5
GND
10
GND


유사한 부품 번호 - FM-104

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
Tyco Electronics
FM-104PIN MACOM-FM-104PIN Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104PIN MA-COM-FM-104PIN Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
More results

유사한 설명 - FM-104

제조업체부품명데이터시트상세설명
logo
M/A-COM Technology Solu...
FM-107_-108_FMS-109 MA-COM-FM-107_-108_FMS-109 Datasheet
78Kb / 3P
   Broadband Frequency Doubler
logo
Tyco Electronics
FM-107 MACOM-FM-107 Datasheet
216Kb / 3P
   Broadband Frequency Doubler, 10 - 4800 MHz Output
FM-104 MACOM-FM-104 Datasheet
200Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
M/A-COM Technology Solu...
FM-104 MA-COM-FM-104 Datasheet
52Kb / 2P
   Broadband Frequency Doubler, 150 - 3000 MHz Output
logo
Tyco Electronics
FM-106 MACOM-FM-106 Datasheet
193Kb / 2P
   Broadband Frequency Doubler, 400 - 6000 MHz Output
logo
M/A-COM Technology Solu...
FM-107 MA-COM-FM-107 Datasheet
78Kb / 3P
   Broadband Frequency Doubler, 10-4800 MHz Output
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
   Frequency Doubler
logo
Tyco Electronics
FD26 MACOM-FD26 Datasheet
387Kb / 3P
   Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
   Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
   Frequency Doubler
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com