전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SA18 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 SA18
상세설명  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SA18 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  SA18 Datasheet HTML 1Page - Pan Jit International Inc. SA18 Datasheet HTML 2Page - Pan Jit International Inc. SA18 Datasheet HTML 3Page - Pan Jit International Inc. SA18 Datasheet HTML 4Page - Pan Jit International Inc. SA18 Datasheet HTML 5Page - Pan Jit International Inc. SA18 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PAGE . 2
November 15,2012-REV.05
SA5.0~SA220CA
Part Number
Re ve rs e
S tand-off
Vo ltage
B re ak down
Voltage
Test
Current
Reverse Leakage
Max. Clamp
Voltage
10/1000μs
Peak Pulse
Current
10/1000 μs
Marking Code
V RWM
(Notes 4)
V BR @ IT
IT
IR @ VRWM
VC @ IPP
IPP
Mi n.
Ma x.
UNI
BI
UNI
BI
V
V
V
mA
μ
A
μ
A
V
A
UNI
BI
500W Transient Voltage Suppressor
SA5.0
SA5.0C
5
6.4
7.55
10
600
1200
9.6
52.3
SA5.0
SA5.0C
SA5.0A
SA5.0CA
5
6.4
7.25
10
600
1200
9.2
54.3
SA5.0A
SA5.0CA
SA6.0
SA6.0C
6
6.67
8.45
10
600
1200
11.4
43.9
SA6.0
SA6.0C
SA6.0A
SA6.0CA
6
6.67
7.67
10
600
1200
10.3
48.5
SA6.0A
SA6.0CA
SA6.5
SA6.5C
6.5
7.22
9.14
10
400
800
12.3
40.7
SA6.5
SA6.5C
SA6.5A
SA6.5CA
6.5
7.22
8.3
10
400
800
11.2
44.7
SA6.5A
SA6.5CA
SA7.0
SA7.0C
7
7.78
9.86
10
150
300
13.3
37.8
SA7.0
SA7.0C
SA7.0A
SA7.0CA
7
7.78
8.95
10
150
300
12
41.7
SA7.0A
SA7.0CA
SA7.5
SA7.5C
7.5
8.33
10.67
1
50
100
14.3
35
SA7.5
SA7.5C
SA7.5A
SA7.5CA
7.5
8.33
9.58
1
50
100
12.9
38.8
SA7.5A
SA7.5CA
SA8.0
SA8.0C
8
8.89
11.3
1
25
50
15
33.3
SA8.0
SA8.0C
SA8.0A
SA8.0CA
8
8.89
10.23
1
25
50
13.6
36.7
SA8.0A
SA8.0CA
SA8.5
SA8.5C
8.5
9.44
11.92
1
10
20
15.9
31.4
SA8.5
SA8.5C
SA8.5A
SA8.5CA
8.5
9.44
10.82
1
10
20
14.4
34.7
SA8.5A
SA8.5CA
SA9.0
SA9.0C
9
10
12.6
1
5
5
16.9
29.5
SA9.0
SA9.0C
SA9.0A
SA9.0CA
9
10
11.5
1
5
5
15.4
32.5
SA9.0A
SA9.0CA
SA10
SA10C
10
11.1
14.1
1
3
3
18.8
26.6
SA10
SA10C
SA10A
SA10CA
10
11.1
12.8
1
3
3
17
29.4
SA10A
SA10CA
SA11
SA11C
11
12.2
15.4
1
3
3
20.1
24.9
SA11
SA11C
SA11A
SA11CA
11
12.2
14
1
3
3
18.2
27.4
SA11A
SA11CA
SA12
SA12C
12
13.3
16.9
1
3
3
22
22.7
SA12
SA12C
SA12A
SA12CA
12
13.3
15.3
1
3
3
19.9
25.1
SA12A
SA12CA
SA13
SA13C
13
14.4
18.2
1
3
3
23.8
21
SA13
SA13C
SA13A
SA13CA
13
14.4
16.5
1
3
3
21.5
23.2
SA13A
SA13CA
SA14
SA14C
14
15.6
19.8
1
3
3
25.8
19.4
SA14
SA14C
SA14A
SA14CA
14
15.6
17.9
1
3
3
23.2
21.5
SA14A
SA14CA
SA15
SA15C
15
16.7
21.1
1
3
3
26.9
18.8
SA15
SA15C
SA15A
SA15CA
15
16.7
19.2
1
3
3
24.4
20.6
SA15A
SA15CA
SA16
SA16C
16
17.8
22.6
1
3
3
28.8
17.6
SA16
SA16C
SA16A
SA16CA
16
17.8
20.5
1
3
3
26
19.2
SA16A
SA16CA
SA17
SA17C
17
18.9
23.9
1
3
3
30.5
16.4
SA17
SA17C
SA17A
SA17CA
17
18.9
21.7
1
3
3
27.6
16.1
SA17A
SA17CA
SA18
SA18C
18
20
25.3
1
3
3
32.2
15.5
SA18
SA18C
SA18A
SA18CA
18
20
23.3
1
3
3
29.2
17.2
SA18A
SA18CA
SA20
SA20C
20
22.2
28.1
1
3
3
35.8
13.9
SA20
SA20C
SA20A
SA20CA
20
22.2
25.5
1
3
3
32.4
15.4
SA20A
SA20CA
SA22
SA22C
22
24.4
30.9
1
3
3
39.4
12.7
SA22
SA22C
SA22A
SA22CA
22
24.4
28
1
3
3
35.5
14.1
SA22A
SA22CA
SA24
SA24C
24
26.7
33.8
1
3
3
43
11.6
SA24
SA24C
SA24A
SA24CA
24
26.7
30.7
1
3
3
38.9
12.8
SA24A
SA24CA
SA26
SA26C
26
28.9
36.6
1
3
3
46.6
10.7
SA26
SA26C
SA26A
SA26CA
26
28.9
33.2
1
3
3
42.1
11.9
SA26A
SA26CA
SA28
SA28C
28
31.1
39.4
1
3
3
50
9.9
SA28
SA28C
SA28A
SA28CA
28
31.1
35.8
1
3
3
45.4
11
SA28A
SA28CA
SA30
SA30C
30
33.3
42.2
1
3
3
53.5
9.3
SA30
SA30C
SA30A
SA30CA
30
33.3
38.3
1
3
3
48.4
10.3
SA30A
SA30CA
SA33
SA33C
33
36.7
46.5
1
3
3
59
5.8
SA33
SA33C
SA33A
SA33CA
33
36.7
42.2
1
3
3
53.3
9.4
SA33A
SA33CA
SA36
SA36C
36
40
50.7
1
3
3
64.3
7.8
SA36
SA36C
SA36A
SA36CA
36
40
46
1
3
3
58.1
8.6
SA36A
SA36CA
SA40
SA40C
40
44.4
56.3
1
3
3
71.4
7
SA40
SA40C
SA40A
SA40CA
40
44.4
51.1
1
3
3
64.5
7.8
SA40A
SA40CA


유사한 부품 번호 - SA18

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
SA18 PANJIT-SA18 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Chongqing Pingwei Enter...
SA18 CHONGQING-SA18 Datasheet
226Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
First Components Intern...
SA18 FCI-SA18 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA18 TSC-SA18 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
Won-Top Electronics
SA18 WTE-SA18 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

유사한 설명 - SA18

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
P6KE_SERIES PANJIT-P6KE_SERIES_14 Datasheet
243Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
P4KE_SERIES PANJIT-P4KE_SERIES_14 Datasheet
194Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
SA5.0 PANJIT-SA5.0_08 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com