전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6277 데이터시트(PDF) 3 Page - EIC discrete Semiconductors

부품명 1N6277
상세설명  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N6277 데이터시트(HTML) 3 Page - EIC discrete Semiconductors

  1N6277 Datasheet HTML 1Page - EIC discrete Semiconductors 1N6277 Datasheet HTML 2Page - EIC discrete Semiconductors 1N6277 Datasheet HTML 3Page - EIC discrete Semiconductors 1N6277 Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at = 25
°C ambient temperature unless otherwise specified
Breakdown Voltage @ It
Working Peak
Maximum
Maximum
Maximum
Maximum
( Note 1 )
Reverse
Reverse Leakage
Reverse
Clamping
Temperature
TYPE
Voltage
@ VRWM
Current
Voltage @ IRSM
Co-efficient
VBR (V)
It
VRWM
IR
IRSM
VRSM
of V BR
Min.
Max.
(mA)
(V)
(µA)
(A)
(V)
(% /
°C)
1N6290A
58.9
65.1
1.0
53.0
5.0
17.7
85.0
0.104
1N6291
61.2
74.8
1.0
55.1
5.0
15.3
98.0
0.104
1N6291A
64.6
71.4
1.0
58.1
5.0
16.3
92.0
0.104
1N6292
67.5
82.5
1.0
60.7
5.0
13.9
108
0.105
1N6292A
71.3
78.8
1.0
64.1
5.0
14.6
103
0.105
1N6293
73.8
90.2
1.0
66.4
5.0
12.7
118
0.105
1N6293A
77.9
86.1
1.0
70.1
5.0
13.3
113
0.105
1N6294
81.9
100
1.0
73.7
5.0
11.4
131
0.106
1N6294A
86.5
95.5
1.0
77.8
5.0
12.0
125
0.106
1N6295
90.0
110
1.0
81.0
5.0
10.4
144
0.106
1N6295A
95.0
105
1.0
85.5
5.0
11.0
137
0.106
1N6296
99.0
121
1.0
89.2
5.0
9.5
158
0.107
1N6296A
105
116
1.0
94.0
5.0
9.9
152
0.107
1N6297
108
132
1.0
97.2
5.0
8.7
173
0.107
1N6297A
114
126
1.0
102
5.0
9.1
165
0.107
1N6298
117
143
1.0
105
5.0
8.0
187
0.107
1N6298A
124
137
1.0
111
5.0
8.4
179
0.107
1N6299
135
165
1.0
121
5.0
7.0
215
0.108
1N6299A
143
158
1.0
128
5.0
7.2
207
0.108
1N6300
144
176
1.0
130
5.0
6.5
230
0.108
1N6300A
152
168
1.0
136
5.0
6.8
219
0.108
1N6301
153
187
1.0
138
5.0
6.2
244
0.108
1N6301A
162
179
1.0
145
5.0
6.4
234
0.108
1N6302
162
198
1.0
146
5.0
5.8
258
0.108
1N6302A
171
189
1.0
154
5.0
6.1
246
0.108
1N6303
180
220
1.0
162
5.0
5.2
287
0.108
1N6303A
190
210
1.0
171
5.0
5.5
274
0.108
Note:
( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent.
( 2 ) VF = 3.5 Vmax., IF = 100 Amps. ( 6.8 Volts thru 91 Volts )
VF = 5.0 Vmax., IF = 100 Amps. ( 100 Volts thru 200 Volts ) per 1/2 square or equivalent sine wave.
PW = 8.3 ms, duty cycle = 4 pulses per minute maximum.


유사한 부품 번호 - 1N6277

제조업체부품명데이터시트상세설명
logo
Transys Electronics
1N6277 TRSYS-1N6277 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6277 CHONGQING-1N6277 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1N6277 LUGUANG-1N6277 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6277 DCCOM-1N6277 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6277 GOOD-ARK-1N6277 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

유사한 설명 - 1N6277

제조업체부품명데이터시트상세설명
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com