전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSPR40N06 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSPR40N06
상세설명  N-Channel Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSPR40N06 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSPR40N06 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSPR40N06 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSPR40N06 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSPR40N06 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SSPR40N06
40A , 60V , RDS(ON) 12 mΩ
N-Channel Enhancement Mode Power MOSFET
30-May-2014 Rev.A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


유사한 부품 번호 - SSPR40N06

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSPR42P03 SECOS-SSPR42P03 Datasheet
357Kb / 4P
   P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSPR42P03 VBSEMI-SSPR42P03 Datasheet
988Kb / 7P
   P-Channel 30 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSPR42P03 SECOS-SSPR42P03_15 Datasheet
357Kb / 4P
   P-Channel Enhancement Mode Power MOSFET
SSPR45P03-C SECOS-SSPR45P03-C Datasheet
367Kb / 4P
   P-Channel Enhancement Mode Power MOSFET
SSPR46N03 SECOS-SSPR46N03 Datasheet
482Kb / 4P
   N-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - SSPR40N06

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com