전자부품 데이터시트 검색엔진 |
|
LC1D80BD 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
LC1D80BD 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page Wed Jul 14 09:20:37 EDT 2010 1 Product data sheet Characteristics LC1D80BD contactor TeSys LC1-D - 3 poles - AC-1 1000 V 125 A - coil 240 V DC Main Range of product TeSys D Product or component type Contactor Device short name LC1D Contactor application Motor control Resistive load Utilisation category AC-1 AC-2 AC-3 AC-4 Control circuit type DC Coil type Standard Poles description 3P Pole contact composi- tion 3 NO [Uc] control circuit volt- age 24 V DC Complementary Coil technology Built-in bidirectional peak limiting diode suppressor Protective cover With [Ie] rated operational current 80 A (≤ 60 °C) AC AC-3 for power circuit 125 A (≤ 60 °C) AC AC-1 for power circuit Motor power kW 22 kW at 220...240 V AC 50/60 Hz 37 kW at 380...400 V AC 50/60 Hz 45 kW at 415 V AC 50/60 Hz 45 kW at 440 V AC 50/60 Hz 45 kW at 660...690 V AC 50/60 Hz 45 kW at 1000 V AC 50/60 Hz 55 kW at 500 V AC 50/60 Hz Motor power hp 7.5 hp at 115 V AC 60 Hz for 1P motors conforming to UL 7.5 hp at 115 V AC 60 Hz for 1P motors conforming to CSA 15 hp at 230/240 V AC 60 Hz for 1P motors conforming to UL 15 hp at 230/240 V AC 60 Hz for 1P motors conforming to CSA 20 hp at 200/208 V AC 60 Hz for 3P motors conforming to CSA 20 hp at 200/208 V AC 60 Hz for 3P motors conforming to UL 25 hp at 230/240 V AC 60 Hz for 3P motors conforming to CSA 25 hp at 230/240 V AC 60 Hz for 3P motors conforming to UL 60 hp at 575/600 V AC 60 Hz for 3P motors conforming to CSA 60 hp at 575/600 V AC 60 Hz for 3P motors conforming to UL 60 hp at 460/480 V AC 60 Hz for 3P motors conforming to CSA 60 hp at 460/480 V AC 60 Hz for 3P motors conforming to UL Auxiliary contacts type Type mechanically linked (1 NO + 1 NC) conforming to IEC 60947-5-1 Type mirror contact (1 NC) conforming to IEC 60947-4-1 Auxiliary contact composition 1 NO + 1 NC Control circuit voltage limits 0.1...0.3 Uc at 55 °C drop-out 0.85...1.1 Uc at 55 °C operational Time constant 75 ms [Ui] rated insulation voltage 600 V for power circuit certifications UL 600 V for power circuit certifications CSA 600 V for control circuit certifications UL 600 V for control circuit certifications CSA 600 V for control circuit certifications UL 600 V for control circuit certifications CSA 690 V for control circuit conforming to IEC 60947-1 1000 V for power circuit conforming to IEC 60947-1 1000 V for power circuit conforming to IEC 60947-4-1 [Uimp] rated impulse withstand voltage 8 kV conforming to IEC 60947 |
유사한 부품 번호 - LC1D80BD |
|
유사한 설명 - LC1D80BD |