전자부품 데이터시트 검색엔진 |
|
BZX85C8V2 데이터시트(PDF) 1 Page - EIC discrete Semiconductors |
|
BZX85C8V2 데이터시트(HTML) 1 Page - EIC discrete Semiconductors |
1 / 2 page BZX85C Series SILICON ZENER DIODES VZ : 2.4 - 200 Volts PD : 1.3 Watts FEATURES : * Complete Voltage Range 2.7 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current MECHANICAL DATA * Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.339 gram MAXIMUM RATINGS Rating at 25 °C ambient temperature unless otherwise specified Rating Symbol Value Unit DC Power Dissipation at TL = 50 °C (Note1) PD 1.3 Watts Maximum Forward Voltage at IF = 200 mA VF 1.0 Volts Maximum Thermal Resistance Junction to Ambient Air (Note2) RθJA 130 K / W Junction Temperature Range TJ - 55 to + 175 °C Storage Temperature Range Ts - 55 to + 175 °C Note : (1) TL = Lead temperature at 3/8 " (9.5mm) from body (2) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case. 0 25 50 75 100 125 150 175 TL, LEAD TEMPERATURE (°C) UPDATE : SEPTEMBER 9, 2000 0.3 0.6 0.9 1.2 1.5 L = 3/8" (9.5mm) Fig. 1 POWER TEMPERATURE DERATING CURVE DO - 41 Dimensions in inches and ( millimeters ) 1.00 (25.4) MIN. 0.107 (2.7) 0.080 (2.0) 0.205 (5.2) 0.166 (4.2) 1.00 (25.4) MIN. 0.034 (0.86) 0.028 (0.71) |
유사한 부품 번호 - BZX85C8V2 |
|
유사한 설명 - BZX85C8V2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |