전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

FKBP200 데이터시트(HTML) 1 Page - EIC discrete Semiconductors

부품명 FKBP200
상세내용  FAST RECOVERY BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo 

FKBP200 데이터시트(HTML) 1 Page - EIC discrete Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
FKBP200 - FKBP210
FAST RECOVERY
BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 2.0 Amperes
FEATURES :
* High case dielectric strength of 2000 V DC
* High surge current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Fast switching for high efficiency
* Ideal for printed circuit board
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per
MIL - STD 202 , Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight :
3.4 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
FKBP
200
FKBP
201
FKBP
202
FKBP
204
FKBP
206
FKBP
208
FKBP
210
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Current Tc = 50
°C
IF(AV)
2.0
Amps.
Peak Forward Surge Current Single half sine wave
Superimposed on rated load (JEDEC Method)
IFSM
35
Amps.
Current Squared Time at t < 8.3 ms.
I
2
t
10
A
2S
Maximum Forward Voltage drop per Diode at IF = 1.0 Amp.
VF
1.3
Volts
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
500
µA
Maximum Reverse Recovery Time (Note 1)
Trr
150
250
500
ns
Typical Thermal Resistance (Note 2)
RθJA
30
°C/W
Operating Junction Temperature Range
TJ
- 50 to + 150
°C
Storage Temperature Range
TSTG
- 50 to + 150
°C
Notes :
1 ) Measured with IF = 0.5 Amp., IR = 1 Amp., Irr = 0.25 Amp.
2 ) Thermal resistance from Junction to Ambient on P.C. Board with, 0.47" X 0.47" ( 12 mm. x 12 mm. ) Cu. pads.
UPDATE : APRIL 21, 1998
RATING
Dimensions in inches and ( millimeter )
0.276 (7.01 )
0.236 (5.99)
0.105 (2.66)
0.085 (2.16)
0.16 (4.00)
0.14 (3.55)
0.035 (0.89)
0.028 (0.71)
0.500
(12.7)
KBP
0.71 (18.0)
0.63 (16.0)
+ AC AC
0.825 (20.95)
0.605 (15.36)


Html Pages

1  2 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
FBR1500FAST RECOVERY BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
FBR2500FAST RECOVERY BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
FBR3500FAST RECOVERY BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
FBR5000FAST RECOVERY BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
FBR600FAST RECOVERY BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
FDB3003 AMP FAST RECOVERY BRIDGE RECTIFIERS 1 DIOTEC Electronics Corporation
FBR800FAST RECOVERY BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors
FDB6006 AMP FAST RECOVERY BRIDGE RECTIFIERS 1 DIOTEC Electronics Corporation
FKBL400FAST RECOVERY BRIDGE RECTIFIERS 1 2 EIC discrete Semiconductors

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn