전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BF350-UV1 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BF350-UV1
상세설명  MINIATURE 3.2mm 365nm UV-CCFL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BF350-UV1 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BF350-UV1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - BF350-UV1

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BF350-20B ETC2-BF350-20B Datasheet
427Kb / 1P
   MINIATURE COLD CATHODE FLUORESCENT LAMP
More results

유사한 설명 - BF350-UV1

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LXTO46365C LUMEX-SSL-LXTO46365C Datasheet
98Kb / 1P
   365nm UV, TO-46 CAN PACKAGE.
logo
Marktech Corporate
MT3650N3-UV MARKTECH-MT3650N3-UV Datasheet
546Kb / 3P
   Peak Emission Wavelength: 365nm
MT3650W3-UV MARKTECH-MT3650W3-UV Datasheet
605Kb / 3P
   Peak Emission Wavelength: 365nm
logo
Transko Electronics, In...
TV53A TRANSKO-TV53A Datasheet
606Kb / 2P
   MINIATURE CERAMIC SMD VCXO (5.0 x 3.2mm)
Rev. 3: Nov. 2015
logo
EUROQUARTZ limited
MJ2CRYSTALS EUROQUARTZ-MJ2CRYSTALS Datasheet
148Kb / 1P
   Miniature size: 5.0mm x 3.2mm x 0.9mm height
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
   Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
Sanken electric
SCF-0275 SANKEN-SCF-0275 Datasheet
60Kb / 2P
   CCFL-Inverter
logo
Applied Concepts Inc.
ACB-12-1354 ACIPOWER-ACB-12-1354 Datasheet
99Kb / 1P
   CCFL INVERTER
ACJ-12-1583 ACIPOWER-ACJ-12-1583 Datasheet
1Mb / 2P
   CCFL INVERTER
AC2-10-1092 ACIPOWER-AC2-10-1092 Datasheet
154Kb / 1P
   CCFL INVERTER
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com