전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM348-N 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM348-N
상세설명  LM148/LM248/LM348 Quad 741 Op Amps
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM348-N 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM348-N Datasheet HTML 4Page - Texas Instruments LM348-N Datasheet HTML 5Page - Texas Instruments LM348-N Datasheet HTML 6Page - Texas Instruments LM348-N Datasheet HTML 7Page - Texas Instruments LM348-N Datasheet HTML 8Page - Texas Instruments LM348-N Datasheet HTML 9Page - Texas Instruments LM348-N Datasheet HTML 10Page - Texas Instruments LM348-N Datasheet HTML 11Page - Texas Instruments LM348-N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM148-N, LM248-N, LM348-N
SNOSBT2E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Applications—LM148
Figure 19. One Decade Low Distortion Sinewave Generator
fMAX = 5 kHz, THD ≤ 0.03%
R1 = 100k pot. C1 = 0.0047
μF, C2 = 0.01 μF, C3 = 0.1 μF, R2 = R6 = R7 = 1M,
R3 = 5.1k, R4 = 12
Ω, R5 = 240Ω, Q = NS5102, D1 = 1N914, D2 = 3.6V avalanche
diode (ex. LM103), VS = ±15V
A simpler version with some distortion degradation at high frequencies can be made by using A1 as a simple inverting
amplifier, and by putting back to back zeners in the feedback loop of A3.
Figure 20. Low Cost Instrumentation Amplifier
VS = ±15V
R = R2, trim R2 to boost CMRR
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM148-N LM248-N LM348-N


유사한 부품 번호 - LM348-N

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM348 NSC-LM348 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
STMicroelectronics
LM348 STMICROELECTRONICS-LM348 Datasheet
139Kb / 9P
   FOUR UA741 QUAD BIPOLAR OPERATIONAL AMPLIFIERS
November 1997
logo
Fairchild Semiconductor
LM348 FAIRCHILD-LM348 Datasheet
108Kb / 10P
   Quad Operational Amplifier
logo
Texas Instruments
LM348 TI-LM348 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM348 STMICROELECTRONICS-LM348 Datasheet
97Kb / 5P
   QUAD BIPOLAR OPERATIONAL AMPLIFIERS
More results

유사한 설명 - LM348-N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM148-N TI1-LM148-N Datasheet
425Kb / 17P
[Old version datasheet]   LM148/LM248/LM348 Quad 741 Op Amps
LM148JAN TI1-LM148JAN Datasheet
710Kb / 21P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148JAN NSC-LM148JAN Datasheet
806Kb / 18P
   Quad 741 Op Amps
logo
Texas Instruments
LM148QML TI1-LM148QML Datasheet
710Kb / 20P
[Old version datasheet]   Quad 741 Op Amps
LM348N-NOPB TI1-LM348N-NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Quad 741 Op Amps
logo
National Semiconductor ...
LM148QML NSC-LM148QML Datasheet
781Kb / 17P
   Quad 741 Op Amps
LM148 NSC-LM148 Datasheet
388Kb / 15P
   Quad 741 Op Amps LM149 Wide Band Decompensated (AV MIN = 5)
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
   Dual/Quad Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com