전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMT-0927-S-6-R 데이터시트(PDF) 1 Page - Projects Unlimited, Inc.

부품명 SMT-0927-S-6-R
상세설명  Transducer (Electro-Mech)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PUI [Projects Unlimited, Inc.]
홈페이지  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

SMT-0927-S-6-R 데이터시트(HTML) 1 Page - Projects Unlimited, Inc.

  SMT-0927-S-6-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
SMT-0927-S-6-R
J.D.
R.W.
R.W.
5/5/2010
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
10/18/2006
Date
10/18/2006
Date
10/18/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
SMT-0927-S-6-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
10/18/2006
A
REVISED OPERATING VOLTAGE RANGE
10/24/2006
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
5/4/2010
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNIT
RATED VOLTAGE
3.6
Vp-p
OPERATING VOLTAGE RANGE
2.5 ~ 4.5
Vp-p
RATED CURRENT (MAX)
90
mA
COIL RESISTANCE
16 ± 2.4
OHM
MINIMUM SPL @ 10 CM
90
dBA
RESONANT FREQUENCY
2,670 ± 500
Hz
OPERATING TEMPERATURE
-30 ~ +70
°C
STORAGE TEMPERATURE
-40 ~ +85
°C
HOUSING MATERIAL
LCP
-
TERMINAL MATERIAL
PBS
-
WEIGHT
0.4
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
8.5 - 0
0.4
+
8.5 - 0
0.4
+
0.8
`0.1
3.5
`0.1
1.2 - 0
0.2
+
1.2
`0.1
0.8
`0.1 (4)
6
`0.1
6.6
`0.1
8.7 - 0
0.4
+
2.75
3.25
3 - 0.2
0
+
POLARITY
PAD (+)
POLARITY
PAD (-)
DUMMY
PAD
DUMMY
PAD


유사한 부품 번호 - SMT-0927-S-6-R

제조업체부품명데이터시트상세설명
logo
PUI audio inc.
SMT-0927-S-6-R PUIAUDIO-SMT-0927-S-6-R Datasheet
163Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

유사한 설명 - SMT-0927-S-6-R

제조업체부품명데이터시트상세설명
logo
Projects Unlimited, Inc...
SMT-0927-S-5-R PUI-SMT-0927-S-5-R Datasheet
158Kb / 1P
   Transducer (Electro-Mech)
SMT-1028-S-5V-R PUI-SMT-1028-S-5V-R Datasheet
156Kb / 1P
   Transducer (Electro-Mech)
SMT-1427-S-R PUI-SMT-1427-S-R Datasheet
190Kb / 1P
   Transducer (Electro-Mech)
SMT-0827-TW-5V-R PUI-SMT-0827-TW-5V-R Datasheet
150Kb / 1P
   Transducer (Electro-Mech)
SMT-1028-T-R PUI-SMT-1028-T-R Datasheet
154Kb / 1P
   Transducer (Electro-Mech)
SMT-1427-S-3-R PUI-SMT-1427-S-3-R Datasheet
209Kb / 1P
   Transducer (Electro-Mech)
SMT-1220-TW-R PUI-SMT-1220-TW-R Datasheet
253Kb / 1P
   Transducer (Electro-Mech)
SMT-1324-TW-1V-R PUI-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
   Transducer (Electro-Mech)
SMT-1427-T-R PUI-SMT-1427-T-R Datasheet
214Kb / 1P
   Transducer (Electro-Mech)
SMT-1027-S-3-R PUI-SMT-1027-S-3-R Datasheet
160Kb / 1P
   Transducer (Electro-Mech)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com