전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL32452EIUZ 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL32452EIUZ
상세설명  짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32452EIUZ 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL32452EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32452EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32452EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32452EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32452EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32452EIUZ Datasheet HTML 9Page - Intersil Corporation ISL32452EIUZ Datasheet HTML 10Page - Intersil Corporation ISL32452EIUZ Datasheet HTML 11Page - Intersil Corporation ISL32452EIUZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E
8
FN7921.0
February 20, 2012
Driver Enable to Output Low
tZL
SW = VCC (Figure 5), (Note 12)
Full
-
-
1600
ns
Driver Disable from Output Low
tLZ
SW = VCC (Figure 5)
Full
-
-
300
ns
Driver Disable from Output High
tHZ
SW = GND (Figure 5)
Full
-
-
300
ns
Time to Shutdown
tSHDN
(Notes 14, 19)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) SW = GND (Figure 5), (Notes 14, 15, 19)
Full
-
-
3000
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) SW = VCC (Figure 5), (Notes 14, 15, 19)
Full
-
-
3000
ns
DRIVER SWITCHING CHARACTERISTICS (1Mbps VERSIONS; ISL32453E, ISL32455E)
Driver Differential Output Delay
tPLH, tPHL RD = 54Ω, CD = 50pF (Figure 4)
Full
-
70
200
ns
Driver Differential Output Skew
tSKEW
RD = 54Ω, CD = 50pF (Figure 4)
Full
-
4
25
ns
Driver Differential Rise or Fall Time
tR, tF
RD = 54Ω, CD = 50pF (Figure 4)
Full
50
130
300
ns
Maximum Data Rate
fMAX
CD = 820pF (Figure 6)
Full
1
-
-
Mbps
Driver Enable to Output High
tZH
SW = GND (Figure 5), (Note 12)
Full
-
-
300
ns
Driver Enable to Output Low
tZL
SW = VCC (Figure 5), (Note 12)
Full
-
-
300
ns
Driver Disable from Output Low
tLZ
SW = VCC (Figure 5)
Full
-
-
300
ns
Driver Disable from Output High
tHZ
SW = GND (Figure 5)
Full
-
-
300
ns
Time to Shutdown
tSHDN
(Note 14)
Full
60
160
600
ns
Driver Enable from Shutdown to
Output High
tZH(SHDN) SW = GND (Figure 5), (Notes 14, 15)
Full
-
-
3000
ns
Driver Enable from Shutdown to
Output Low
tZL(SHDN) SW = VCC (Figure 5), (Notes 14, 15)
Full
-
-
3000
ns
RECEIVER SWITCHING CHARACTERISTICS (250kbps VERSIONS; ISL32450E, ISL32452E, ISL32457E)
Maximum Data Rate
fMAX
(Figure 7)
Full
250
-
-
kbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 7)
Full
-
240
325
ns
Receiver Skew |tPLH - tPHL|tSKD
(Figure 7)
Full
-
6
25
ns
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 13, 19)
Full
-
-
80
ns
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 13, 19)
Full
-
-
80
ns
Receiver Disable from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Note 19)
Full
-
-
80
ns
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Note 19)
Full
-
-
80
ns
Time to Shutdown
tSHDN
(Notes 14, 19)
Full
60
160
600
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 14, 16, 19)
Full
-
-
2500
ns
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 14, 16, 19)
Full
-
-
2500
ns
RECEIVER SWITCHING CHARACTERISTICS (1Mbps VERSIONS; ISL32453E, ISL32455E)
Maximum Data Rate
fMAX
(Figure 7)
Full
1
-
-
Mbps
Receiver Input to Output Delay
tPLH, tPHL (Figure 7)
Full
-
115
200
ns
Electrical Specifications Test Conditions: VCC = 3V to 3.6V and 4.5V to 5.5V, unless otherwise specified. Typicals are at the worst case of
VCC =5V or VCC =3.3V, TA = +25°C (Note 9). Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 17)
TYP
MAX
(Note 17)
UNITS


유사한 부품 번호 - ISL32452EIUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL32452EIUZ INTERSIL-ISL32452EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32452EIUZ RENESAS-ISL32452EIUZ Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results

유사한 설명 - ISL32452EIUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32430E INTERSIL-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com