전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

NE23300 데이터시트(PDF) 5 Page - California Eastern Labs

부품명 NE23300
상세설명  SUPER LOW NOISE HJ FET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CEL [California Eastern Labs]
홈페이지  http://www.cel.com
Logo CEL - California Eastern Labs

NE23300 데이터시트(HTML) 5 Page - California Eastern Labs

  NE23300 Datasheet HTML 1Page - California Eastern Labs NE23300 Datasheet HTML 2Page - California Eastern Labs NE23300 Datasheet HTML 3Page - California Eastern Labs NE23300 Datasheet HTML 4Page - California Eastern Labs NE23300 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NE23300
SCHEMATIC 0.1- 26 GHz
NE23300 LINEAR MODEL
CHIP DIMENSIONS (TA = 25°C)
NE23300 (CHIP)
Chip Thickness: 140
µm typical
LG
CIN
COUT
RG
VC
RI
RS
LS
+
_
CDG
CGS
RDS
CDS
G (f) VC
GGS
CDC
RD
LD
S
G
D
DD
G
G
S
S
45
31
47
25
13
400
120
56
66
56
88
61
350
Notes:
1.
S-Parameters include Bond Wires:
Gate:
Total 2 wires, 1 per bond pad 0.0129" (327
µm) long, each wire.
Drain:
Total 2 wires, 1 per bond pad 0.0118" (300
µm) long, each wire.
Source: Total 4 wires, 2 per side, 0.0071" (180
µm) each wire.
Wire:
0.0007" (17.8
µm) dia. gold.
2.
Gain Calculations:
MAG = Maximum Available gain
MSG = Maximum Stable Gain
°C
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES • Headquarters • 4590 Patrick Henry Drive • Santa Clara, CA 95054-1817 • (408) 988-3500 • Telex 34-6393 • FAX (408) 988-0279
24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) • Internet: http://WWW.CEL.COM
PRINTED IN USA ON RECYCLED PAPER -9/98
DATA SUBJECT TO CHANGE WITHOUT NOTICE
Element
VDS = 2 V, 0.1 < f < 26 GHz
Units
Name
Element Value
Cin
0.098
pF
Lg
19.544
nH
Ls
8.309
nH
Ld
12.998
nH
Cout
0.001
pF
CDS
0.028
pF
CDG
0.043
pF
CGS
0.000
S
CDC
0.084
pF
f
427.446
GHz
T
3.226
ps
10 mA
20 mA
RI
0.376
0.506
Ohms
RS
1.138
0.911
Ohms
RDS
209
162
Ohms
CGS
0.222
0.235
pF
G(f, Vc)
0.078
0.100
S


유사한 부품 번호 - NE23300

제조업체부품명데이터시트상세설명
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results

유사한 설명 - NE23300

제조업체부품명데이터시트상세설명
logo
California Eastern Labs
NE33284 CEL-NE33284 Datasheet
54Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200 CEL-NE33200 Datasheet
87Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE33284A NEC-NE33284A_98 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET
NE33200N NEC-NE33200N Datasheet
85Kb / 7P
   SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE3210S01 CEL-NE3210S01 Datasheet
414Kb / 7P
   SUPER LOW NOISE HJ FET
NE4210S01 CEL-NE4210S01 Datasheet
252Kb / 7P
   SUPER LOW NOISE HJ FET
logo
NEC
NE334S01 NEC-NE334S01_00 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
NE434S01 NEC-NE434S01_98 Datasheet
41Kb / 5P
   C BAND SUPER LOW NOISE HJ FET
logo
California Eastern Labs
NE334S01 CEL-NE334S01 Datasheet
46Kb / 6P
   C BAND SUPER LOW NOISE HJ FET
logo
NEC
NE23300 NEC-NE23300 Datasheet
53Kb / 5P
   SUPER LOW NOISE HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com