전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBJ10CA 데이터시트(PDF) 4 Page - EIC discrete Semiconductors

부품명 SMBJ10CA
상세설명  BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EIC [EIC discrete Semiconductors]
홈페이지  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SMBJ10CA 데이터시트(HTML) 4 Page - EIC discrete Semiconductors

  SMBJ10CA Datasheet HTML 1Page - EIC discrete Semiconductors SMBJ10CA Datasheet HTML 2Page - EIC discrete Semiconductors SMBJ10CA Datasheet HTML 3Page - EIC discrete Semiconductors SMBJ10CA Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( SMBJ5.0C - SMBJ170CA )
FIG.1 - PULSE DERATING CURVE
FIG.2 - TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
?C)
FIG.3 - PULSE WAVEFORM
FIG.4 - PEAK PULSE POWER RATING CURVE
FIG.5 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
80
60
40
20
120
100
10
0
0.1
1.0
td, PULSE WIDTH, SEC
100
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
NON-REPETITIVE
PULSE WAVEFORM
SHOWN IN FIG. 3 ,Ta=25
?C
6,000
100
1,000
10
10
20
100
1
2
200
VR Measured @
Stand-off Voltage
VR Measured @
Zero Basic (0V)
TJ = 25
?C
f = 1.0 MHz
Vsig = 50 mVP-P
t, TIME(ms)
50
100
0
tf = 10
µs
Peak Value
IPPM
Half Value - IPPM
2
td
0
1.0
2.0
3.0
4.0
Ta=25
?C
Pulse Width (td) is defined
as that point where the peak
current decays to 50%
of IPPM
VWM, REVERSE STAND-OFF VOLTAGE,VOLTS
200
100
50
10
1
5
10
50
100
NUMBER OF CYCLES AT 60 Hz
TJ = TJ max
8.3 ms Single half sine-wave
JEDEC Method


유사한 부품 번호 - SMBJ10CA

제조업체부품명데이터시트상세설명
logo
Bytes
SMBJ10CA BYTES-SMBJ10CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
UN Semiconducctor INC
SMBJ10CA UNSEMI-SMBJ10CA Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shenzhen Luguang Electr...
SMBJ10CA LUGUANG-SMBJ10CA Datasheet
1,002Kb / 6P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
SeCoS Halbleitertechnol...
SMBJ10CA SECOS-SMBJ10CA Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
logo
Suntan Capacitors
SMBJ10CA SUNTAN-SMBJ10CA Datasheet
435Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - SMBJ10CA

제조업체부품명데이터시트상세설명
logo
EIC discrete Semiconduc...
3KE13C EIC-3KE13C Datasheet
72Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SA5.0C NJSEMI-SA5.0C Datasheet
197Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6267CL EIC-1N6267CL Datasheet
53Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
1N6267C EIC-1N6267C Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
P6KE68CS EIC-P6KE68CS Datasheet
79Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
1N6267CL LEIDITECH-1N6267CL Datasheet
236Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
   bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
   bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com