전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q65111A1683 데이터시트(PDF) 20 Page - OSRAM GmbH

부품명 Q65111A1683
상세설명  white SMT package, colored diffused silicone resin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A1683 데이터시트(HTML) 20 Page - OSRAM GmbH

Back Button Q65111A1683 Datasheet HTML 15Page - OSRAM GmbH Q65111A1683 Datasheet HTML 16Page - OSRAM GmbH Q65111A1683 Datasheet HTML 17Page - OSRAM GmbH Q65111A1683 Datasheet HTML 18Page - OSRAM GmbH Q65111A1683 Datasheet HTML 19Page - OSRAM GmbH Q65111A1683 Datasheet HTML 20Page - OSRAM GmbH Q65111A1683 Datasheet HTML 21Page - OSRAM GmbH Q65111A1683 Datasheet HTML 22Page - OSRAM GmbH Q65111A1683 Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
2012-10-17
20
Version 2.0 - OS-PCN-2012-038-A
LCW JNSH.EC
Transportation Packing and Materials
Kartonverpackung und Materialien
Dimensions of transportation box in mm (inch)
Width / Breite
Length / Länge
Height / Höhe
200 ± 5 (7.874 ± 0.196)
195 ± 5 (7.677 ± 0.1968)
30 ± 5 (1.181 ± 0.196)
OHA02044
1
0
1
1
210021998
0
2
45
Packing
Sealing label
Barcode label
M
o
is
tu
re
Le
vel
3
F
lo
or
ti
m
e
1
6
8
H
o
u
rs
M
o
is
tu
re
Le
v
el
6
Fl
oor
tim
e
6
H
o
u
rs
a
) H
u
m
idity
I
n
di
c
a
tor
C
a
rd
i
s
>
1
0%
w
hen
re
a
d
a
t
23
˚C
±
5
˚
C,
o
r
re
flow
, v
a
po
r-p
h
as
e
re
flo
w
, o
r e
qu
iv
a
le
nt
proc
e
s
s
in
g
(p
e
a
k
p
a
c
k
a
g
e
2
. A
fte
r thi
s
b
a
g
i
s
ope
ne
d,
d
ev
ic
e
s
t
h
a
t w
ill
b
e
s
u
b
jec
ted
to
i
n
fr
a
red
1
. S
he
lf
l
if
e
in
s
e
a
le
d
ba
g
:
2
4
m
ont
h
s
a
t <
40
˚C
a
n
d
<
90%
re
la
tiv
e
h
u
m
idi
ty
(R
H)
.
M
oi
s
tu
re
Le
vel
5
a
a
t f
a
c
to
ry
c
o
n
diti
on
s
o
f
(if
b
la
n
k,
s
e
a
l d
a
te
i
s
i
de
ntic
a
l w
ith
d
a
te
c
od
e
).
a
) M
o
u
nte
d
w
ith
in
b
)
St
ore
d
a
t
b
od
y
tem
p.
3
. D
ev
ice
s
re
q
u
ir
e
ba
ki
ng,
b
e
fore
m
o
u
nting
, if:
B
a
g
s
e
a
l d
a
te
M
o
is
tu
re
Lev
e
l 1
M
oi
s
tu
re
L
ev
e
l
2
M
oi
s
tu
re
L
ev
el
2
a
4.
If
b
a
k
ing
is
re
q
u
ire
d,
b
) 2
a
or
2
b
i
s
n
ot
m
et.
D
a
te
a
nd
t
im
e
o
pen
ed:
ref
ere
n
c
e
I
PC
/JE
D
E
C
J
-S
TD
-0
3
3
f
or
b
a
k
e
pro
ced
u
re.
Floo
r tim
e
s
ee
b
e
lo
w
If
b
la
nk,
s
e
e
b
a
r c
ode
l
ab
e
l
Fl
o
or
tim
e
>
1
Y
e
a
r
Floo
r tim
e
1
Ye
a
r
F
lo
o
r tim
e
4
W
e
e
k
s
1
0%
R
H
.
_
<
M
o
is
tu
re
Le
ve
l 4
M
o
is
tu
re
L
e
vel
5
˚C
).
OP
TO
S
E
M
IC
O
N
D
U
C
TO
R
S
M
O
IS
T
UR
E
S
E
N
S
IT
IV
E
Th
is
b
ag
con
ta
in
s
CA
U
TION
F
lo
o
r tim
e
7
2
Ho
u
rs
F
loo
r ti
m
e
4
8
H
o
u
rs
F
loo
r tim
e
24
H
o
u
rs
3
0
˚C
/60%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
e
e
b
a
r
c
o
d
e
la
b
e
l
Barcode label


유사한 부품 번호 - Q65111A1683

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
Q65111A1682 OSRAM-Q65111A1682 Datasheet
1Mb / 25P
   LCW JNSH.EC
Q65111A1685 OSRAM-Q65111A1685 Datasheet
1Mb / 25P
   LCW JNSH.EC
More results

유사한 설명 - Q65111A1683

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com