전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q65111A1682 데이터시트(PDF) 12 Page - OSRAM GmbH

부품명 Q65111A1682
상세설명  white SMT package, colored diffused silicone resin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A1682 데이터시트(HTML) 12 Page - OSRAM GmbH

Back Button Q65111A1682 Datasheet HTML 8Page - OSRAM GmbH Q65111A1682 Datasheet HTML 9Page - OSRAM GmbH Q65111A1682 Datasheet HTML 10Page - OSRAM GmbH Q65111A1682 Datasheet HTML 11Page - OSRAM GmbH Q65111A1682 Datasheet HTML 12Page - OSRAM GmbH Q65111A1682 Datasheet HTML 13Page - OSRAM GmbH Q65111A1682 Datasheet HTML 14Page - OSRAM GmbH Q65111A1682 Datasheet HTML 15Page - OSRAM GmbH Q65111A1682 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
2012-10-17
12
Version 2.0 - OS-PCN-2012-038-A
LCW JNSH.EC
Relative Forward Voltage 6) page 23
Relative Vorwärtsspannung 6) Seite 23
ΔVF = VF - VF(25°C) = f(Tj); IF = 20 mA
Relative Luminous Intensity 6) page 23
Relative Lichtstärke 6) Seite 23
IV/IV(25)°C = f(Tj); IF = 20mA
Chromaticity Coordinate Shift 6) page 23
Farbortverschiebung 6) Seite 23
ΔCx, ΔCy = f(Tj); IF = 20 mA
-40 -20
0
20 40 60 80 100
Tj [°C]
-0,4
-0,2
0,0
0,2
0,4
-40 -20 0 20 40 60 80 100
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
ΙV
ΙV (25°C)
-40 -20 0 20 40 60 80 100
Tj [°C]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
ΔCx; ΔCy
: Cx
: Cy
4000 K


유사한 부품 번호 - Q65111A1682

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
Q65111A1682 OSRAM-Q65111A1682 Datasheet
1Mb / 25P
   LCW JNSH.EC
More results

유사한 설명 - Q65111A1682

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com