전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q65111A1682 데이터시트(PDF) 19 Page - OSRAM GmbH

부품명 Q65111A1682
상세설명  white SMT package, colored diffused silicone resin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A1682 데이터시트(HTML) 19 Page - OSRAM GmbH

Back Button Q65111A1682 Datasheet HTML 15Page - OSRAM GmbH Q65111A1682 Datasheet HTML 16Page - OSRAM GmbH Q65111A1682 Datasheet HTML 17Page - OSRAM GmbH Q65111A1682 Datasheet HTML 18Page - OSRAM GmbH Q65111A1682 Datasheet HTML 19Page - OSRAM GmbH Q65111A1682 Datasheet HTML 20Page - OSRAM GmbH Q65111A1682 Datasheet HTML 21Page - OSRAM GmbH Q65111A1682 Datasheet HTML 22Page - OSRAM GmbH Q65111A1682 Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Version 2.0 - OS-PCN-2012-038-A
LCW JNSH.EC
2012-10-17
19
Barcode-Product-Label (BPL)
Barcode-Produkt-Etikett (BPL)
Dry Packing Process and Materials
Trockenverpackung und Materialien
Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in
chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references
like JEDEC.
Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem
Trockenmittel und einer Feuchteindikatorkarte.
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form
Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind
Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten.
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
M
o
is
tu
re
L
ev
e
l 3
F
lo
or
tim
e
1
6
8
H
o
u
rs
M
o
is
tu
re
Le
ve
l 6
F
lo
o
r tim
e
6
H
o
u
rs
a
)
H
u
m
idit
y
In
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
a
d
a
t 2
3
˚C
±
5
˚C,
o
r
re
flo
w
, v
a
p
or-
p
h
as
e
ref
lo
w
, o
r
e
q
u
iv
a
le
nt
p
roc
e
s
s
in
g
(p
e
a
k
p
a
c
k
a
g
e
2
. A
fte
r t
h
is
ba
g
i
s
o
p
en
e
d
,
de
v
ic
e
s
th
a
t
w
ill
b
e
s
u
b
je
c
ted
to
in
fr
a
re
d
1.
S
h
e
lf
li
fe
i
n
s
e
a
le
d
ba
g
:
2
4
m
on
th
s
a
t <
4
0
˚
C
a
n
d
<
9
0
%
re
la
ti
ve
h
u
m
id
ity
(R
H
).
M
o
is
tu
re
L
e
v
e
l 5
a
a
t f
a
c
tor
y
c
o
nd
iti
on
s
of
(if
b
la
n
k
,
s
e
a
l
d
a
te
is
id
e
n
ti
c
a
l w
ith
d
a
te
c
o
d
e).
a
) M
o
u
n
ted
w
ith
in
b
) S
to
re
d
a
t
b
o
d
y
t
e
m
p
.
3
.
D
e
v
ic
e
s
re
q
u
ir
e
ba
k
in
g,
b
e
fo
re
m
o
u
n
tin
g
, if:
B
a
g
s
e
a
l
d
a
te
M
o
is
tu
re
L
e
ve
l 1
M
o
is
tu
re
L
e
ve
l 2
M
o
is
tu
re
L
e
v
e
l
2
a
4.
I
f
b
a
k
in
g
i
s
re
q
u
ire
d
,
b
)
2
a
or
2
b
i
s
n
o
t
m
et
.
D
a
te
a
nd
tim
e
op
e
n
ed
:
ref
e
re
n
c
e
IP
C
/JE
D
E
C
J
-S
T
D
-0
3
3
fo
r
b
a
k
e
p
roc
e
d
u
re.
F
loo
r t
im
e
s
ee
b
e
low
If
b
la
nk
,
s
e
e
b
a
r c
o
d
e
l
a
b
e
l
F
lo
o
r
ti
m
e
>
1
Y
e
a
r
F
lo
o
r t
im
e
1
Y
e
a
r
F
lo
or
t
im
e
4
W
e
e
k
s
1
0%
R
H
.
_
<
M
oi
s
tu
re
L
e
v
el
4
M
oi
s
tu
re
L
e
v
e
l
5
˚C
).
O
P
T
O
S
EM
IC
O
N
D
U
CT
O
R
S
M
O
IS
TU
R
E
S
E
N
S
IT
IV
E
Th
is
b
ag
co
nta
in
s
C
A
U
T
IO
N
F
lo
o
r tim
e
72
H
o
u
rs
F
lo
o
r t
im
e
48
H
o
u
rs
F
loo
r
tim
e
2
4
H
o
u
rs
3
0
˚C
/6
0
%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
e
e
b
a
r
c
o
d
e
la
b
e
l


유사한 부품 번호 - Q65111A1682

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
Q65111A1682 OSRAM-Q65111A1682 Datasheet
1Mb / 25P
   LCW JNSH.EC
More results

유사한 설명 - Q65111A1682

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com