전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Q65111A1691 데이터시트(PDF) 8 Page - OSRAM GmbH

부품명 Q65111A1691
상세설명  white SMT package, colored diffused silicone resin
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OSRAM [OSRAM GmbH]
홈페이지  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A1691 데이터시트(HTML) 8 Page - OSRAM GmbH

Back Button Q65111A1691 Datasheet HTML 4Page - OSRAM GmbH Q65111A1691 Datasheet HTML 5Page - OSRAM GmbH Q65111A1691 Datasheet HTML 6Page - OSRAM GmbH Q65111A1691 Datasheet HTML 7Page - OSRAM GmbH Q65111A1691 Datasheet HTML 8Page - OSRAM GmbH Q65111A1691 Datasheet HTML 9Page - OSRAM GmbH Q65111A1691 Datasheet HTML 10Page - OSRAM GmbH Q65111A1691 Datasheet HTML 11Page - OSRAM GmbH Q65111A1691 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2012-10-17
8
Version 2.0 - OS-PCN-2012-038-A
LCW JNSH.EC
7M
0.3799
0.3828
8R
0.4261
0.4077
7W
0.4585
0.4104
0.3826
0.3931
0.4299
0.4165
0.4636
0.4197
0.3885
0.3882
0.4346
0.4108
0.4644
0.4118
0.3916
0.3987
0.4387
0.4197
0.4697
0.4211
5N
0.3822
0.3670
5S
0.4222
0.3840
8W
0.4636
0.4197
0.3853
0.3776
0.4263
0.3929
0.4688
0.4290
0.3898
0.3716
0.4298
0.3867
0.4697
0.4211
0.3934
0.3825
0.4342
0.3957
0.4750
0.4304
6N
0.3853
0.3776
6S
0.4263
0.3929
5X
0.4538
0.3931
0.3885
0.3882
0.4305
0.4019
0.4591
0.4025
0.3934
0.3825
0.4342
0.3957
0.4593
0.3944
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
7N
0.3885
0.3882
7S
0.4305
0.4019
6X
0.4591
0.4025
0.3916
0.3987
0.4346
0.4108
0.4644
0.4118
0.3970
0.3935
0.4386
0.4048
0.4648
0.4038
0.4006
0.4044
0.4430
0.4138
0.4703
0.4132
5O
0.3890
0.3690
8S
0.4346
0.4108
7X
0.4644
0.4118
0.3916
0.3772
0.4387
0.4197
0.4697
0.4211
0.3975
0.3731
0.4430
0.4138
0.4703
0.4132
0.4006
0.3815
0.4474
0.4228
0.4758
0.4225
6O
0.3916
0.3772
5T
0.4298
0.3867
8X
0.4697
0.4211
0.3943
0.3853
0.4342
0.3957
0.4750
0.4304
0.4006
0.3815
0.4373
0.3893
0.4758
0.4225
0.4036
0.3898
0.4420
0.3985
0.4813
0.4319
7O
0.3943
0.3853
6T
0.4342
0.3957
0.3970
0.3934
0.4386
0.4048
0.4036
0.3898
0.4420
0.3985
0.4067
0.3982
0.4468
0.4077
8O
0.3970
0.3934
7T
0.4386
0.4048
0.3997
0.4015
0.4430
0.4138
0.4067
0.3982
0.4468
0.4077
0.4097
0.4065
0.4515
0.4168
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


유사한 부품 번호 - Q65111A1691

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
Q65111A1648 OSRAM-Q65111A1648 Datasheet
827Kb / 20P
   Compact light source in SMT technology, glass window on top, RoHS compliant
Q65111A1674 OSRAM-Q65111A1674 Datasheet
1Mb / 25P
   LCW JNSH.EC
Q65111A1682 OSRAM-Q65111A1682 Datasheet
1Mb / 25P
   LCW JNSH.EC
Q65111A1685 OSRAM-Q65111A1685 Datasheet
1Mb / 25P
   LCW JNSH.EC
More results

유사한 설명 - Q65111A1691

제조업체부품명데이터시트상세설명
logo
OSRAM GmbH
GWPSLM31.CM OSRAM-GWPSLM31.CM Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWPSLR31.EM OSRAM-GWPSLR31.EM Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GWSBLMA3.EM OSRAM-GWSBLMA3.EM Datasheet
847Kb / 24P
   white SMT package, colored diffused silicone resin
LCWJDSH.EC OSRAM-LCWJDSH.EC Datasheet
1Mb / 24P
   white SMT package, colored diffused silicone resin
GWJDSLS1.EC OSRAM-GWJDSLS1.EC Datasheet
375Kb / 25P
   white smt package, colored diffused silicone resin
GD-PSLR31.13 OSRAM-GD-PSLR31.13 Datasheet
1Mb / 21P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.EC OSRAM-GW-JDSMS1.EC Datasheet
1Mb / 25P
   white SMT package, colored diffused silicone resin
GW-JDSMS1.PC OSRAM-GW-JDSMS1.PC Datasheet
1Mb / 23P
   white SMT package, colored diffused silicone resin
GW-JDSTS2.EM OSRAM-GW-JDSTS2.EM Datasheet
3Mb / 26P
   white SMT package, colored diffused silicone resin
GW-PSLMS1.EC OSRAM-GW-PSLMS1.EC Datasheet
1Mb / 26P
   white SMT package, colored diffused silicone resin
LCYW5SM-HZJZ-5E-1 OSRAM-LCYW5SM-HZJZ-5E-1 Datasheet
622Kb / 22P
   white SMT package, colored diffused silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com