전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM802141UMG 데이터시트(PDF) 3 Page - Micrel Semiconductor

부품명 SM802141UMG
상세설명  Ultra-Low Jitter, LVPECL Frequency
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802141UMG 데이터시트(HTML) 3 Page - Micrel Semiconductor

  SM802141UMG Datasheet HTML 1Page - Micrel Semiconductor SM802141UMG Datasheet HTML 2Page - Micrel Semiconductor SM802141UMG Datasheet HTML 3Page - Micrel Semiconductor SM802141UMG Datasheet HTML 4Page - Micrel Semiconductor SM802141UMG Datasheet HTML 5Page - Micrel Semiconductor SM802141UMG Datasheet HTML 6Page - Micrel Semiconductor SM802141UMG Datasheet HTML 7Page - Micrel Semiconductor SM802141UMG Datasheet HTML 8Page - Micrel Semiconductor SM802141UMG Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Micrel, Inc.
SM802141
April 2012
3
M9999-041812-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description (Continued)
Pin Number
Pin Name
Pin
Type
Pin Level
Pin Function
5, 11, 16, 18
TEST
Factory test pins. Do not connect anything to these pins.
1
VDD
PWR
Core Power Supply .
13, 14, 15
VSS (Exposed Pad)
PWR
Core Power Supply Ground. The exposed pad must be
connected to the VSS ground plane.
17
VDDO1
PWR
Power Supply for Output Bank 1.
21
VSSO1
PWR
Power Supply Ground for Output Bank 1.
8
REF_IN
I, (SE)
LVCMOS
Reference Clock Input.
9
XTAL_IN
I, (SE)
XTAL
Crystal Reference Input. No load caps needed (see Figure 5).
10
XTAL_OUT
O, (SE)
XTAL
Crystal Reference Output. No load caps needed (see Figure 5).
6
FSEL
I, (SE)
LVCMOS
Frequency Select, 1 = 312.5/125 MHz, 0 = 156.25/62.5MHz,
45KΩ pull-up.
7
OE1
I, (SE)
LVCMOS
Output Enable, Q1 disables to tri-state, 0 = Disabled, 1 =
Enabled, 45KΩ pull-up.
12
OE2
I, (SE)
LVCMOS
Output Enable, Q2 disables to tri-state, 0 = Disabled, 1 =
Enabled, 45KΩ pull-up.
Truth Table
PLL_BYPASS
XTAL_SEL
OE1
OE2
INPUT
OUTPUT
0
1
1
PLL
1
1
1
XTAL/REF_IN
0
1
1
REF_IN
1
1
1
XTAL
0
1
Q1 Tri-State
1
0
Q2 Tri-State
Output Selection Table
XTAL_SEL
PLL_Bypass
F SEL
OE1
OE2
Div 1
Div 2
Q1
Q2
L
H
x
H
L
x
x
Reference Input
Hi-Z
H (Default)
H
x
H
L
x
x
25
Hi-Z
H (Default)
L (Default)
H (Default)
H
L
10
25
312.5
Hi-Z
H (Default)
L (Default)
H (Default)
L
H
10
25
Hi-Z
125
H (Default)
L (Default)
L
H
L
20
50
156.25
Hi-Z
H (Default)
L (Default)
L
L
H
20
50
Hi-Z
62.5


유사한 부품 번호 - SM802141UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802149 MICREL-SM802149 Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
SM802149UMG MICREL-SM802149UMG Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
SM802149UMGR MICREL-SM802149UMGR Datasheet
412Kb / 11P
   156.25MHz/312.5MHz and 78.125MHz/156.25MHz LVDS Clock Synthesizer
More results

유사한 설명 - SM802141UMG

제조업체부품명데이터시트상세설명
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
   ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8431-11 ICST-ICS8431-11 Datasheet
2Mb / 13P
   255MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
ICS8431-01 ICST-ICS8431-01 Datasheet
2Mb / 11P
   200MHZ, LOW JITTER, LVPECL FREQUENCY SYNTHESIZER
logo
Micrel Semiconductor
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX555ABA50M0000 MICREL-MX555ABA50M0000 Datasheet
1Mb / 4P
   Ultra-Low Jitter 50MHz LVPECL XO
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
   Ultra-low Jitter 156.25MHz LVPECL XO
SM802105 MICREL-SM802105 Datasheet
321Kb / 11P
   ClockWork 10GbE (156.25MHz, 312.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com