전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD2943W 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 SD2943W
상세설명  HF/VHF/UHF RF power N-channel MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2943W 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button SD2943W Datasheet HTML 2Page - STMicroelectronics SD2943W Datasheet HTML 3Page - STMicroelectronics SD2943W Datasheet HTML 4Page - STMicroelectronics SD2943W Datasheet HTML 5Page - STMicroelectronics SD2943W Datasheet HTML 6Page - STMicroelectronics SD2943W Datasheet HTML 7Page - STMicroelectronics SD2943W Datasheet HTML 8Page - STMicroelectronics SD2943W Datasheet HTML 9Page - STMicroelectronics SD2943W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical performance
SD2943
6/15
Doc ID 11584 Rev 3
4
Typical performance
Figure 3.
Capacitance vs drain voltage
Figure 4.
Drain current vs gate voltage
Figure 5.
Gate-source voltage vs case
temperature
Figure 6.
Maximum thermal resistance vs.
case temperature
1
10
100
1000
10000
0
4
8
121620
24
28323640
44485256
Vdd (V)
Freq = 1 MHz
CRSS
CISS
COSS
0
5
10
15
20
25
30
35
40
01
234
56
Vgs (V)
Vds = 10 V
Tc = +80 ºC
Tc = -20 ºC
Tc = +20 ºC
-25
0
25
50
75
100
Tc, CASE TEMPERATURE (ºC)
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
Vdd= 10 V
Id=.1 A
Id=.25 A
Id= 1 A
Id= 2 A
Id= 3 A
Id= 5 A
Id= 4 A
Id= 7 A
Id= 10 A
Id= 12 A
Id= 15 A
25
30
35
40
45
50
55
60
65
70
75
80
85
Tc, CASE TEMPERATURE (°C)
0.26
0.27
0.28
0.29
0.3
0.31
0.32
0.33


유사한 부품 번호 - SD2943W

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SD2943 STMICROELECTRONICS-SD2943 Datasheet
184Kb / 14P
   RF Power Transistor HF/VHF/UHF N - Channel MOSFETs
logo
List of Unclassifed Man...
SD2943 ETC1-SD2943 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

유사한 설명 - SD2943W

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
   HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
   HF/VHF/UHF RF power N-channel MOSFETs
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
   HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2932 STMICROELECTRONICS-SD2932 Datasheet
122Kb / 13P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
March 2000
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD3931-10 STMICROELECTRONICS-SD3931-10 Datasheet
55Kb / 5P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
SD2931-10 STMICROELECTRONICS-SD2931-10_03 Datasheet
343Kb / 16P
   RF power transistors HF/VHF/UHF N-channel MOSFETs
SD2918 STMICROELECTRONICS-SD2918 Datasheet
101Kb / 8P
   RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com