전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

739513BG 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 739513BG
상세설명  KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 13 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX11 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

739513BG 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  739513BG Datasheet HTML 1Page - Molex Electronics Ltd. 739513BG Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
739513BG
Reference - Drawing Numbers
Product Specification
PS-99020-0088
Sales Drawing
SD-7395-001
This document was generated on 02/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


유사한 부품 번호 - 739513BG

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
739513BG MOLEX2-739513BG Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 13 Circuits
More results

유사한 설명 - 739513BG

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
22-05-7138 MOLEX11-22-05-7138 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 13 Circuits
22-05-7078 MOLEX11-22-05-7078 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 7 Circuits
22-05-7168 MOLEX11-22-05-7168 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 16 Circuits
22-12-4052 MOLEX11-22-12-4052 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 5 Circuits
22-12-4122 MOLEX11-22-12-4122 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 12 Circuits
22-12-4112 MOLEX11-22-12-4112 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 11 Circuits
22-12-4142 MOLEX11-22-12-4142 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 14 Circuits
22-05-7028 MOLEX11-22-05-7028 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 2 Circuits
22-05-7098 MOLEX11-22-05-7098 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 9 Circuits
22-05-7148 MOLEX11-22-05-7148 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 14 Circuits
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com