전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N010-0510-T303 데이터시트(PDF) 7 Page - Fujitsu Component Limited.

부품명 N010-0510-T303
상세설명  Resistive Touch Panel Specification FID-550 7-Wire Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0510-T303 데이터시트(HTML) 7 Page - Fujitsu Component Limited.

  N010-0510-T303 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0510-T303 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0510-T303 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0510-T303 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0510-T303 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0510-T303 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0510-T303 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
FID-550 SERIES
n
10.0 PANEL THICKNESS
Thickness of glass 1.1mm
Stiffener Board
Conductive Face
Japan
Fujitsu Component Limited
Gotanda-Chuo Building
3-5, Higashigotanda 2-chome, Shinagawa-ku
Tokyo 141 8630, Japan
Tel: (81-3) 5449-7010
Fax: (81-3) 5449-2626
Email: promothq@fcl.fujitsu.com
Web: www.fcl.fujitsu.com
North and South America
Fujitsu Components America, Inc.
250 E. Caribbean Drive
Sunnyvale, CA 94089 U.S.A.
Tel: (1-408) 745-4900
Fax: (1-408) 745-4970
Email: components@us.fujitsu.com
Web: http://us.fujitsu.com/components/
Europe
Fujitsu Components Europe B.V.
Diamantlaan 25
2132 WV Hoofddorp
Netherlands
Tel: (31-23) 5560910
Fax: (31-23) 5560950
Email: info@fceu.fujitsu.com
Web: emea.fujitsu.com/components/
Asia Pacific
Fujitsu Components Asia Ltd.
102E Pasir Panjang Road
#01-01 Citilink Warehouse Complex
Singapore 118529
Tel: (65) 6375-8560
Fax: (65) 6273-3021
Email: fcal@fcal.fujitsu.com
Web: http://www.fujitsu.com/sg/services/micro/components/
Fujitsu Components International Headquarter Offices
©2007 Fujitsu Components America, Inc. All rights reserved. All trademarks or registered trademarks are the property of their respective
owners.
Fujitsu Components America or its affiliates do not warrant that the content of datasheet is error free. In a continuing effort to improve our
products Fujitsu Components America, Inc. or its affiliates reserve the right to change specifications/datasheets without prior notice.
Rev. May 30, 2007.


유사한 부품 번호 - N010-0510-T303

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
N010-0510-T302 FUJITSU-N010-0510-T302 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0510-T302 FUJITSU-N010-0510-T302 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0510-T302 FUJITSU-N010-0510-T302 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

유사한 설명 - N010-0510-T303

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0554-T902 FUJITSU-N010-0554-T902 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
logo
Crystalfontz America, I...
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
List of Unclassifed Man...
SP-15LW03 ETC2-SP-15LW03 Datasheet
412Kb / 2P
   5-wire resistive touch sensor
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Rohm
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com