전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2425N50100AHF 데이터시트(PDF) 4 Page - Anaren Microwave

부품명 BD2425N50100AHF
상세설명  Ultra Low Profile 0404 Balun 50 to 100 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425N50100AHF 데이터시트(HTML) 4 Page - Anaren Microwave

  BD2425N50100AHF Datasheet HTML 1Page - Anaren Microwave BD2425N50100AHF Datasheet HTML 2Page - Anaren Microwave BD2425N50100AHF Datasheet HTML 3Page - Anaren Microwave BD2425N50100AHF Datasheet HTML 4Page - Anaren Microwave BD2425N50100AHF Datasheet HTML 5Page - Anaren Microwave BD2425N50100AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model BD2425N50100AHF
Rev A
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased
footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique
dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
With No DC Bias
With DC Bias
Solder Resist
Footprint Pad (s)
Circuit Pattern
Dimensions are in Inches [Millimeters]
Mounting Footprint
Plated thru
hole to
ground
3X Transmission
Line
.020 [0.51]
.014 [0.36]
.008 [0.20]
3X
.011 [0.28]
SQ
Plated thru
hole to
ground
3X Transmission
Line
3X .011
[0.28]
3X .011
[0.28]
.020
[0.51]
.014 [0.36]
.008 [0.20]
.008 [0.20]
Solder Resist
Footprint Pad (s)
Circuit Pattern
Dimensions are in Inches [Millimeters]
.020 [0.51]


유사한 부품 번호 - BD2425N50100AHF

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD2425N50100AHF ANAREN-BD2425N50100AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com