전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4972DY 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 SI4972DY
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4972DY 데이터시트(HTML) 1 Page - Vishay Siliconix

  SI4972DY Datasheet HTML 1Page - Vishay Siliconix SI4972DY Datasheet HTML 2Page - Vishay Siliconix SI4972DY Datasheet HTML 3Page - Vishay Siliconix SI4972DY Datasheet HTML 4Page - Vishay Siliconix SI4972DY Datasheet HTML 5Page - Vishay Siliconix SI4972DY Datasheet HTML 6Page - Vishay Siliconix SI4972DY Datasheet HTML 7Page - Vishay Siliconix SI4972DY Datasheet HTML 8Page - Vishay Siliconix SI4972DY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Vishay Siliconix
Si4972DY
Document Number: 73849
S09-0138-Rev. D, 02-Feb-09
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
•TrenchFET® Power MOSFET
100 % Rg Tested
APPLICATIONS
Logic DC/DC for Notebook PC
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
Channel 1
30
0.0145 at VGS = 10 V
10.8
8.3
0.0195 at VGS = 4.5 V
9.3
Channel 2
30
0.0265 at VGS = 10 V
7.2
4
0.036 at VGS = 4.5 V
6.2
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 110 °C/W (Ch 1) and 120 °C/W (Ch 2).
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Channel 1
Channel 2
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
10.8
7.2
A
TC = 70 °C
8.7
5.7
TA = 25 °C
8.7b,c
6.4b,c
TA = 70 °C
6.9b,c
5.1b,c
Pulsed Drain Current (10 µs Pulse Width)
IDM
20
20
Source-Drain Current Diode Current
TC = 25 °C
IS
2.5
2.1
TA = 25 °C
1.6b,c
1.6b,c
Pulsed Source-Drain Current
ISM
20
20
Single Pulse Avalanche Current
L = 0.1 mH
IAS
15
6
Avalanche Energy
EAS
11
1.8
mJ
Maximum Power Dissipation
TC = 25 °C
PD
3.1
2.5
W
TC = 70 °C
2.1
1.6
TA = 25 °C
2.0b,c
2.0b,c
TA = 70 °C
1.25b,c
1.25b,c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel 1
Channel 2
Unit
Typical
Maximum
Typical
Maximum
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
52
62.5
55
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady
RthJF
32
40
40
50
S1
D1
G1
D1
S2
D2
G2
D2
SO-8
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4972DY-T1-E3 (Lead (Pb)-free)
Si4972DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
D1
G1
S1
D2
G2
S2
N-Channel MOSFET


유사한 부품 번호 - SI4972DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4972DY VISHAY-SI4972DY Datasheet
146Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4972DY VISHAY-SI4972DY_V01 Datasheet
146Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4972DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com