전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2425NCSR 데이터시트(PDF) 1 Page - Anaren Microwave

부품명 BD2425NCSR
상세설명  Ultra Low Profile 0404 Balun for the Cambridge Silicon Radio M1824 UNIFI-1 Chipset
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANAREN [Anaren Microwave]
홈페이지  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425NCSR 데이터시트(HTML) 1 Page - Anaren Microwave

  BD2425NCSR Datasheet HTML 1Page - Anaren Microwave BD2425NCSR Datasheet HTML 2Page - Anaren Microwave BD2425NCSR Datasheet HTML 3Page - Anaren Microwave BD2425NCSR Datasheet HTML 4Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425NCSR
Rev C
Ultra Low Profile 0404 Balun for the
Cambridge Silicon Radio M1824 UNIFI-1 Chipset
Description
The BD2425NCSR is a low cost, low profile sub-miniature unbalanced to
balanced transformer designed specifically for Cambridge Silicon Radio’s UNITI-1
WiFi chipset. The BD2425NCSR is ideal for high volume manufacturing and delivers
higher performance than traditional ceramic baluns. The BD2425NCSR matched
exactly to the differential port impedances of the UNIFI-1 device. The BD2425NCSR
enables single ended signals to be applied to differential ports of this Cambridge
Silicon Radio chipsets. The output ports have equal amplitude (-3dB) with 180
degree phase differential. The BD2425NCSR is available on tape and reel for pick
and place high volume manufacturing.
Detailed Electrical Specifications**: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2500
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
Matched
Return Loss
10
15
dB
Insertion Loss*
0.35
1.0
dB
Amplitude Balance
0.2
0.5
Phase Balance
2
4
CMRR
35
Power Handling
1
Watts
Features:
• 2400 – 2500 MHz
• 0.56 mm Height Profile
• Matched for CSR’s UNIFI-1
• Low Insertion Loss
• Surface Mountable
• Tape & Reel
• Non-conductive
• RoHS Compliant
• Halogen free
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
** Stated performance is based on the proper matching network described in the data sheet
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Unbalanced Port
GND / DC Feed
+ RF GND
4
3
Designation
Pin
1
2
1
2
3
4
Balanced Port
.041±.004
[1.04±0.10]
.041±.004
[1.04±0.10]
.022±.002
[0.56±0.05]
.020 [0.51]
.020 [0.51]
3x.010
[0.25]
3x.010
[0.25]
Balanced Port
.012 [0.30]
.012 [0.30]


유사한 부품 번호 - BD2425NCSR

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD2425N100ATI ANAREN-BD2425N100ATI Datasheet
2Mb / 4P
   Impedance Matched Ultra Low profile 0404 Balun for TI CC2530 chipset
BD2425N50100A00 ANAREN-BD2425N50100A00 Datasheet
231Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 100廓 Balanced
BD2425N50100AHF ANAREN-BD2425N50100AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
BD2425N50100AHF ANAREN-BD2425N50100AHF Datasheet
290Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
BD2425N50100AHF ANAREN-BD2425N50100AHF_14 Datasheet
290Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
More results

유사한 설명 - BD2425NCSR

제조업체부품명데이터시트상세설명
logo
Anaren Microwave
BD2425N100ATI ANAREN-BD2425N100ATI Datasheet
2Mb / 4P
   Impedance Matched Ultra Low profile 0404 Balun for TI CC2530 chipset
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50150AHF ANAREN-BD4859N50150AHF Datasheet
296Kb / 5P
   Ultra Low Profile 0404 Balun
BD2327N50100AHF ANAREN-BD2327N50100AHF Datasheet
159Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425N5075AHF ANAREN-BD2425N5075AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425NNRFA00 ANAREN-BD2425NNRFA00 Datasheet
249Kb / 3P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
BD2425NNRF ANAREN-BD2425NNRF Datasheet
252Kb / 4P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
BD2425N50ATI ANAREN-BD2425N50ATI_14 Datasheet
258Kb / 4P
   Ultra Low Profile 0404 Balun for TI transceiver CC2500
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com