전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD2N90TM 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FQD2N90TM
상세설명  N-Channel QFET짰 MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N90TM 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FQD2N90TM Datasheet HTML 1Page - Fairchild Semiconductor FQD2N90TM Datasheet HTML 2Page - Fairchild Semiconductor FQD2N90TM Datasheet HTML 3Page - Fairchild Semiconductor FQD2N90TM Datasheet HTML 4Page - Fairchild Semiconductor FQD2N90TM Datasheet HTML 5Page - Fairchild Semiconductor FQD2N90TM Datasheet HTML 6Page - Fairchild Semiconductor FQD2N90TM Datasheet HTML 7Page - Fairchild Semiconductor FQD2N90TM Datasheet HTML 8Page - Fairchild Semiconductor FQD2N90TM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2009 Fairchild Semiconductor Corporation
FQD2N90 / FQU2N90 Rev. C2
www.fairchildsemi.com
4
 !   


















     
 &
   !       '( # ) * 
 +  , - ) .   /+  
 ' 
0 
 1       2 &   !
  
  


 

 


    



    















 
















µ




µ
 









 !"#!
 














  

 


 













  
 
   
 
  


#
%$ #%
&
() *$$" &  +
',) *$$ 
 #$  
- .!   
#$  
/   
#$  
''# #$  

"



유사한 부품 번호 - FQD2N90TM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD2N90TF FAIRCHILD-FQD2N90TF Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 900 V, 1.7 A, 7.2 廓
More results

유사한 설명 - FQD2N90TM

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQU13N06LTU FAIRCHILD-FQU13N06LTU Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET
FQD2N60CTM FAIRCHILD-FQD2N60CTM Datasheet
742Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
FQT4N25TF FAIRCHILD-FQT4N25TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD2N60CTF FAIRCHILD-FQD2N60CTF Datasheet
748Kb / 9P
   N-Channel QFET짰 MOSFET
FQD7N10LTM FAIRCHILD-FQD7N10LTM Datasheet
539Kb / 8P
   N-Channel QFET짰 MOSFET
FQS4901TF FAIRCHILD-FQS4901TF Datasheet
666Kb / 8P
   N-Channel QFET짰 MOSFET
FQU2N100TU FAIRCHILD-FQU2N100TU Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
FQB30N06LTM FAIRCHILD-FQB30N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET
FQD1N80TM FAIRCHILD-FQD1N80TM Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 800 V, 1.0 A, 20 廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com