전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1011A150 데이터시트(PDF) 2 Page - Littelfuse

부품명 SL1011A150
상세설명  SL1011A/B and SL1411A Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011A150 데이터시트(HTML) 2 Page - Littelfuse

  SL1011A150 Datasheet HTML 1Page - Littelfuse SL1011A150 Datasheet HTML 2Page - Littelfuse SL1011A150 Datasheet HTML 3Page - Littelfuse SL1011A150 Datasheet HTML 4Page - Littelfuse SL1011A150 Datasheet HTML 5Page - Littelfuse SL1011A150 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
48
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1011A/B and SL1411A Series
SL1011A/B and SL1411A Series
Electrical Characteristics
Part Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts1,2
(@100V/s)
Impulse
Breakdown
in Volts3
(@100V/μs)
Impulse
Breakdown
In Volts
(@1kV/μs)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Arc
Voltage
(on state
Voltage)
@1Amp Min
Surge
Life
(@100A
10/1000μs)
Nominal
Impulse
Discharge
Current
(8/20μs)
Nominal
AC
Discharge
Current
(10x1s
@50-60Hz)
AC
Dischage
Current
(9 Cycles @
50Hz)
DC
Holdover
Voltage4
Max Impulse
Discharge Current
(1 Application)
MIN TYP MAX
MAX
MIN
MAX
TYP
TYP
@ 8/20μs
@ 10/350μs
Product Characteristics
Materials
Leaded Device: Nickel-plated with Tin-
plated wires
Core and Surface Mount: Dull Tin-plated
Product Marking
Littelfuse 'LF' Mark, voltage and date
code
Glow to Arc
Transition Current
< 0.5 Amps
Glow Voltage
~60 Volts
Storage and
Operational
Temperature
-40 to +90°C
Notes:
1. At delivery AQL 0.65 level II, DIN ISO 2859
2. In ionized mode
3. Comparable to the silicon measurement Switching Voltage (Vs)
4. Tested according to ITU-T Rec. K.12 < 150 msecs.


유사한 부품 번호 - SL1011A150

제조업체부품명데이터시트상세설명
logo
Littelfuse
SL1011A150 LITTELFUSE-SL1011A150 Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A150 LITTELFUSE-SL1011A150 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

유사한 설명 - SL1011A150

제조업체부품명데이터시트상세설명
logo
Littelfuse
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A600RF LITTELFUSE-SL1021A600RF Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
logo
ITT Industries
CA3106E2821PF80 ITT-CA3106E2821PF80 Datasheet
4Mb / 34P
   CA/MS A and B
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com