전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL0638 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 HCPL0638
상세설명  High Speed-10 MBit/s Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0638 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button HCPL0638 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 9Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 10Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 11Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 12Page - Fairchild Semiconductor HCPL0638 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
9
Typical Performance Curves (HCPL0637, HCPL0638 and HCPL0639 only)
Fig. 12 Input Forward Current vs. Forward Voltage
Fig. 13 Input Threshold Current vs. Ambient Temperature
Fig. 14 High Level Output Current vs.
Ambient Temperature
Fig. 15 Low Level Output Current vs.
Ambient Temperature
Fig. 16 Low Level Output Voltage vs.
Ambient Temperature
V
F – FORWARD VOLTAGE (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
TA = 85°C
TA = 100°C
TA = 25°C
TA = 0°C
TA = -40°C
0.8
0.001
0.01
0.1
1
10
100
TA – AMBIENT TEMPERATURE (
°C)
TA – AMBIENT TEMPERATURE (
°C)
TA – AMBIENT TEMPERATURE (
°C)
TA – AMBIENT TEMPERATURE (
°C)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
VCC = 5.5V
VO = 0.6V
RL = 1kΩ
RL = 350Ω
RL = 4kΩ
-40
-20
0
20
40
60
80
100
0
4
8
12
16
20
VO = VCC = 5.5V
VE = 2V (Single Channel Only)
IF = 250 μA
-40
-20
0
20
40
60
80
100
10
15
20
25
30
35
40
V
CC
= 5.5V
VE = 2V (Single Channel Only)
VOL = 0.6V
IF = 5 – 15mA
-40
-20
0
20
40
60
80
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
V
CC
= 5.5V
VE = 2V (Single Channel Only)
IF = 5mA
IO = 6.4mA
IO = 9.6mA
IO = 12.8mA
IO = 16mA
Fig. 17 Pulse Width Distortion vs.
Ambient Temperature
-40
-20
0
20
40
60
80
100
0
10
20
30
40
50
60
70
V
CC
= 5V
IF = 7.5mA
RL = 1k
Ω
RL = 350
Ω
RL = 4k
Ω
TA – AMBIENT TEMPERATURE (
°C)


유사한 부품 번호 - HCPL0638

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
414Kb / 18P
   The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0638 FAIRCHILD-HCPL0638 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

유사한 설명 - HCPL0638

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com