전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-3020-500E 데이터시트(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-3020-500E
상세설명  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3020-500E 데이터시트(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-3020-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-3020-500E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Figure 4. VOL vs. IOL.
Figure 5. ICC vs. temperature.
Figure 6. ICC vs. VCC.
Figure 7. IFLH vs. temperature.
Figure 8. Propagation delay vs. VCC.
Figure 9. Propagation delay vs. IF.
Figure 10. Propagation delay vs. tempera-
Figure 11. Propagation delay vs. Rg.
Figure 12. Propagation delay vs. Cg.
0
0
IOL – OUTPUT LOW CURRENT – A
0.4
5
0.2
1
4
0.1
0.3
3
2
-50
0
TA – TEMPERATURE – C
125
-25
1.4
0
25
75
100
50
0.4
0.6
0.8
1.2
0.2
1.0
ICCL
ICCH
10
0
VCC – SUPPLY VOLTAGE – V
30
15
1.2
20
25
0.4
0.8
0.2
0.6
1.0
ICCL
ICCH
-50
1.5
TA – TEMPERATURE – C
125
-25
3.5
0
25
75
100
50
2.0
2.5
3.0
10
0
VCC – SUPPLY VOLTAGE – V
30
400
15
25
20
100
200
300
TPLH
TPHL
6
0
IF – FORWARD LED CURRENT – mA
18
400
9
15
12
100
200
300
-50
0
TA – TEMPERATURE – C
125
-25
500
0
25
75
100
50
100
200
300
400
TPLH
TPHL
0
200
Rg – SERIES LOAD RESISTANCE –
200
400
50
150
100
250
300
350
TPLH
TPHL
0
0
Cg – LOAD CAPACITANCE – nF
100
400
20
80
60
100
200
300
TPLH
TPHL
40


유사한 부품 번호 - HCPL-3020-500E

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
260Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020 AVAGO-HCPL-3020 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

유사한 설명 - HCPL-3020-500E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com