전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-301E-11-A 데이터시트(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-301E-11-A
상세설명  0.3 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-301E-11-A 데이터시트(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-301E-11-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E-11-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E-11-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E-11-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E-11-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E-11-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E-11-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E-11-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-301E-11-A Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0.3
INCH
SINGLE
DIGIT
DISPLAY
A-301E-11-A G/W
REV:A / 1
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from PARA
and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface may
be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the Display to corrode, tarnish or discolor. This corrosion or discoloration may
cause difficulty during soldering operations. It is recommended that the Display be used as soon
as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity environments
where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature increase
per input electric power is affected by the thermal resistance of the circuit board and density of
Display placement on the board, as well as other components. It is necessary to avoid intense
heat generation and operate within the maximum ratings given in this specification.
2) The operating current should be decided after considering the ambient maximum temperature of
Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic equipment
(such as office equipment, communications equipment, measurement instruments and household
appliances). Consult PARA
’s sales staff in advance for information on the applications in which
exceptional quality and reliability are required , particularly when the failure or malfunction of the
Display may directly jeopardize life or health (such as for airplanes, aerospace, submersible
repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support
systems and safety devices).
DRAWING NO. : DS-11-06-0134
DATE : 2013-04-10
Page : 9
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-301E-11-A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-301E-11 ETC-A-301E-11 Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

유사한 설명 - A-301E-11-A

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-301GB PARALIGHT-A-301GB Datasheet
150Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311Y PARALIGHT-C-311Y Datasheet
207Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-311Y-A PARALIGHT-A-311Y-A Datasheet
209Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301E PARALIGHT-A-301E Datasheet
202Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301SR-11 PARALIGHT-A-301SR-11 Datasheet
192Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311E-A PARALIGHT-C-311E-A Datasheet
183Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311G PARALIGHT-C-311G Datasheet
208Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-301Y-11 PARALIGHT-C-301Y-11 Datasheet
217Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com