전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-301GB 데이터시트(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-301GB
상세설명  0.3 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-301GB 데이터시트(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-301GB Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-301GB Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-301GB Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-301GB Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-301GB Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-301GB Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-301GB Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-301GB Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-301GB Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
0.3
INCH
SINGLE
DIGIT
DISPLAY
A-301G B/W
REV:A / 0
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260 max
Immersion time: with 5 sec
Solder no closer than 2mm from
the base of the package
— Using soldering flux,
” RESIN FLUX”
is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package is
fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and silver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-11-07-0094
DATE : 2007-05-24
Page : 7
Fig.1


유사한 부품 번호 - A-301GB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-301G-11 ETC-A-301G-11 Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

유사한 설명 - A-301GB

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-311Y PARALIGHT-C-311Y Datasheet
207Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-311Y-A PARALIGHT-A-311Y-A Datasheet
209Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301E PARALIGHT-A-301E Datasheet
202Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301E-11-A PARALIGHT-A-301E-11-A Datasheet
199Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301SR-11 PARALIGHT-A-301SR-11 Datasheet
192Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311E-A PARALIGHT-C-311E-A Datasheet
183Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311G PARALIGHT-C-311G Datasheet
208Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-301Y-11 PARALIGHT-C-301Y-11 Datasheet
217Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com