전자부품 데이터시트 검색엔진 |
|
A-301SR-11 데이터시트(PDF) 6 Page - PARA LIGHT ELECTRONICS CO., LTD. |
|
A-301SR-11 데이터시트(HTML) 6 Page - PARA LIGHT ELECTRONICS CO., LTD. |
6 / 10 page 0.3 INCH SINGLE DIGIT DISPLAY A-301SR-11 REV:A / 4 2) Similarly, when a jig is used to solder the Display to PC board, take care as much as possible to avoid steering the PIN (See Fig.2). 3) Repositioning after soldering should be avoided as much as possible. If inevitable, be sure to preserve the soldering conditions with irons stated above: select a best-suited method that assures the least stress to the Display. 4) PIN cutting after soldering should be performed only after the Display temperature has returned to normal temperature. —LED MOUNTING METHOD 1) When mounting the Display by using a case, as shown Fig.3, ensure that the mounting holds on the PC board match the pitch of the PIN correctly-tolerance of dimensions of the respective components including the Display should be taken into account especially when designing the case, PC board, etc. to prevent pitch misalignment between the PIN and board holes, the diameter of the board holes should be slightly larger than the size of the PIN. Alternatively, the shape of the holes should be made oval. (See Fig.3) DRAWING NO. : DS-11-03-0058 DATE : 2013-04-11 Page : 6 Fig.3 Fig.2 Release by PARALIGHTDCC |
유사한 부품 번호 - A-301SR-11 |
|
유사한 설명 - A-301SR-11 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |