전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-311Y-A 데이터시트(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

부품명 A-311Y-A
상세설명  0.3 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
홈페이지  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-311Y-A 데이터시트(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-311Y-A Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-311Y-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
0.3
INCH
SINGLE
DIGIT
DISPLAY
A-311Y-A B/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-09-0035
DATE : 2009-04-24
Page : 2
HD-R/RD013
Release
by
PARALIGHTDCC


유사한 부품 번호 - A-311Y-A

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
A-311Y ETC-A-311Y Datasheet
95Kb / 1P
   SINGLE DIGIT DISPLAY
More results

유사한 설명 - A-311Y-A

제조업체부품명데이터시트상세설명
logo
PARA LIGHT ELECTRONICS ...
C-311SR-PSN-A PARALIGHT-C-311SR-PSN-A Datasheet
193Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSD-322A9 CHINASEMI-CSD-322A9 Datasheet
175Kb / 5P
   0.3 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-301GB PARALIGHT-A-301GB Datasheet
150Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311Y PARALIGHT-C-311Y Datasheet
207Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301E PARALIGHT-A-301E Datasheet
202Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301E-11-A PARALIGHT-A-301E-11-A Datasheet
199Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
A-301SR-11 PARALIGHT-A-301SR-11 Datasheet
192Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311E-A PARALIGHT-C-311E-A Datasheet
183Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-311G PARALIGHT-C-311G Datasheet
208Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
C-301Y-11 PARALIGHT-C-301Y-11 Datasheet
217Kb / 10P
   0.3 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com