전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-4516CA727XFA-A75 데이터시트(PDF) 9 Page - Elpida Memory

부품명 MC-4516CA727XFA-A75
상세설명  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4516CA727XFA-A75 데이터시트(HTML) 9 Page - Elpida Memory

Back Button MC-4516CA727XFA-A75 Datasheet HTML 5Page - Elpida Memory MC-4516CA727XFA-A75 Datasheet HTML 6Page - Elpida Memory MC-4516CA727XFA-A75 Datasheet HTML 7Page - Elpida Memory MC-4516CA727XFA-A75 Datasheet HTML 8Page - Elpida Memory MC-4516CA727XFA-A75 Datasheet HTML 9Page - Elpida Memory MC-4516CA727XFA-A75 Datasheet HTML 10Page - Elpida Memory MC-4516CA727XFA-A75 Datasheet HTML 11Page - Elpida Memory MC-4516CA727XFA-A75 Datasheet HTML 12Page - Elpida Memory MC-4516CA727XFA-A75 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet E0231N20 (Ver. 2.0)
9
MC-4516CA727XFA
Asynchronous Characteristics
Parameter
Symbol
-A 75
Unit
Note
MIN.
MAX.
ACT to REF/ACT command period (operation)
tRC
67.5
ns
REF to REF/ACT command period (refresh)
tRC1
67.5
ns
ACT to PRE command period
tRAS
45
120,000
ns
PRE to ACT command period
tRP
20
ns
Delay time ACT to READ/WRITE command
tRCD
20
ns
ACT(one) to ACT(another) command period
tRRD
15
ns
Data-in to PRE command period
tDPL
8
ns
Data-in to ACT(REF) command
/CAS latency = 3
tDAL3
1CLK+22.5
ns
1
period (Auto precharge)
/CAS latency = 2
tDAL2
1CLK+20
ns
1
Mode register set cycle time
tRSC
2
CLK
Transition time
tT
0.5
30
ns
Refresh time (4,096 refresh cycles)
tREF
64
ms
Note This device can satisfy the tDAL3 spec of 1CLK+20 ns for up to and including 125 MHz operation.


유사한 부품 번호 - MC-4516CA727XFA-A75

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4516CA727XF-A75 ELPIDA-MC-4516CA727XF-A75 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

유사한 설명 - MC-4516CA727XFA-A75

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA727 NEC-MC-4516CA727 Datasheet
213Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com