전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGFL6NC60DI 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 STGFL6NC60DI
상세설명  6 A, 600 V hyper fast IGBT
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGFL6NC60DI 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button STGFL6NC60DI Datasheet HTML 6Page - STMicroelectronics STGFL6NC60DI Datasheet HTML 7Page - STMicroelectronics STGFL6NC60DI Datasheet HTML 8Page - STMicroelectronics STGFL6NC60DI Datasheet HTML 9Page - STMicroelectronics STGFL6NC60DI Datasheet HTML 10Page - STMicroelectronics STGFL6NC60DI Datasheet HTML 11Page - STMicroelectronics STGFL6NC60DI Datasheet HTML 12Page - STMicroelectronics STGFL6NC60DI Datasheet HTML 13Page - STMicroelectronics STGFL6NC60DI Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package mechanical data
STGBL6NC60DI, STGDL6NC60DI, STGPL6NC60DI, STGFL6NC60DI
10/18
Doc ID 15536 Rev 2
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.


유사한 부품 번호 - STGFL6NC60DI

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGFL6NC60D STMICROELECTRONICS-STGFL6NC60D Datasheet
491Kb / 19P
   N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
STGFL6NC60D STMICROELECTRONICS-STGFL6NC60D Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
More results

유사한 설명 - STGFL6NC60DI

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGBL6NC60D STMICROELECTRONICS-STGBL6NC60D_08 Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGB19NC60S STMICROELECTRONICS-STGB19NC60S Datasheet
423Kb / 15P
   20 A, 600 V fast IGBT
November 2010 Rev 5
STGD10NC60SD STMICROELECTRONICS-STGD10NC60SD Datasheet
1Mb / 16P
   10 A, 600 V fast IGBT
June 2010 Rev 2
STGD10NC60S STMICROELECTRONICS-STGD10NC60S Datasheet
1Mb / 18P
   10 A, 600 V fast IGBT
December 2010 Rev 2
STGP30NC60S STMICROELECTRONICS-STGP30NC60S Datasheet
497Kb / 15P
   30 A, 600 V, fast IGBT
November 2010 Rev 5
STGW35NC60WD STMICROELECTRONICS-STGW35NC60WD Datasheet
554Kb / 14P
   40 A, 600 V ultra fast IGBT
November 2008 Rev 2
STGW40NC60WD STMICROELECTRONICS-STGW40NC60WD_08 Datasheet
377Kb / 14P
   40 A - 600 V - ultra fast IGBT
STGB20NC60V STMICROELECTRONICS-STGB20NC60V Datasheet
407Kb / 16P
   30 A - 600 V - very fast IGBT
STGB19NC60H STMICROELECTRONICS-STGB19NC60H Datasheet
663Kb / 15P
   19 A - 600 V - very fast IGBT
September 2009 Rev 4
STGD3HF60WD STMICROELECTRONICS-STGD3HF60WD Datasheet
228Kb / 10P
   3 A, 600 V ultra fast IGBT
October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com