전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC-4R256FKK8K-840 데이터시트(PDF) 10 Page - Elpida Memory

부품명 MC-4R256FKK8K-840
상세설명  256MB 32-bit Direct Rambus DRAM RIMM Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELPIDA [Elpida Memory]
홈페이지  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R256FKK8K-840 데이터시트(HTML) 10 Page - Elpida Memory

Back Button MC-4R256FKK8K-840 Datasheet HTML 5Page - Elpida Memory MC-4R256FKK8K-840 Datasheet HTML 6Page - Elpida Memory MC-4R256FKK8K-840 Datasheet HTML 7Page - Elpida Memory MC-4R256FKK8K-840 Datasheet HTML 8Page - Elpida Memory MC-4R256FKK8K-840 Datasheet HTML 9Page - Elpida Memory MC-4R256FKK8K-840 Datasheet HTML 10Page - Elpida Memory MC-4R256FKK8K-840 Datasheet HTML 11Page - Elpida Memory MC-4R256FKK8K-840 Datasheet HTML 12Page - Elpida Memory MC-4R256FKK8K-840 Datasheet HTML 13Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MC-4R256FKK8K
Preliminary Data Sheet E0253N10 (Ver. 1.0)
10
RIMM Module Current Profile
IDD
RIMM module power conditions
Note1
MAX.
Unit
IDD1
One RDRAM device per channel in Read
Note2,
balance in NAP mode
1435
mA
IDD2
One RDRAM device per channel in Read
Note2,
balance in Standby mode
1950
mA
IDD3
One RDRAM device per channel in Read
Note2,
balance in Active mode
2220
mA
IDD4
One RDRAM device per channel in Write,
balance in NAP mode
1555
mA
IDD5
One RDRAM device per channel in Write,
balance in Standby mode
2070
mA
IDD6
One RDRAM device per channel in Write,
balance in Active mode
2340
mA
Notes 1. Actual power will depend on individual RDRAM component specifications, memory controller and usage
patterns. Please refer to specific RIMM module vendor data sheets for additional information. Power does
not include Refresh Current. Max current computed for x16 256Mb RDRAM components. x18 288Mb
RDRAM components use 8 mA more current per RDRAM device in Read and 60mA more current per
RDRAM device in Write.
2. I/O current is a function of the % of 1’s, to add I/O power for 50 % 1’s for a x16 need to add 257mA or
290mA for x18 ECC module for the following : VDD = 2.5V, VTERM = 1.8V, VREF = 1.4V and VDIL =
VREF
− 0.5V.


유사한 부품 번호 - MC-4R256FKK8K-840

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R256FKK6K-840 ELPIDA-MC-4R256FKK6K-840 Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
More results

유사한 설명 - MC-4R256FKK8K-840

제조업체부품명데이터시트상세설명
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25EC8ABKD ELPIDA-EBR25EC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com