전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZW50-22B 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 BZW50-22B
상세설명  Transil?? transient voltage surge suppressor (TVS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-22B 데이터시트(HTML) 4 Page - STMicroelectronics

  BZW50-22B Datasheet HTML 1Page - STMicroelectronics BZW50-22B Datasheet HTML 2Page - STMicroelectronics BZW50-22B Datasheet HTML 3Page - STMicroelectronics BZW50-22B Datasheet HTML 4Page - STMicroelectronics BZW50-22B Datasheet HTML 5Page - STMicroelectronics BZW50-22B Datasheet HTML 6Page - STMicroelectronics BZW50-22B Datasheet HTML 7Page - STMicroelectronics BZW50-22B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
BZW50
4/8
Doc ID 2973 Rev 5
Figure 3.
Peak power dissipation vs. initial
junction temperature
(printed circuit board)
Figure 4.
Peak pulse power vs. exponential
pulse duration
0
0
20
40
60
80
100
20
40
60
80
100 120 140 160 180 200
%
Tj initial(°C)
0.001
0.01
0.1
1
10
100
1E2
1E3
1E4
1E5
1E6
1E7
Pp (W)
p
tp(ms)EXPO.
Tj initial(°C)
Figure 5.
Clamping voltage vs. peak pulse
current(1)
Figure 6.
Capacitance vs. reverse applied
voltage for unidirectional types
(typical values).
1.
The curves in Figure 5 are specified for a junction temperature of 25 °C before surge. The given results may be
extrapolated for other junction temperatures by using the following formula:
V
BR = T x [Tamb -25] x VBR(25 °C)
For intermediate voltages, extrapolate the given results.
0.1
1
10
100
1000
10000
10
100
1000
VCL
Ipp (A)
V
(V)
CL
Ipp (A)
BZW50-180
BZW50- 82
BZW50- 82
BZW50- 82
BZW50- 39
BZW50- 12
BZW50- 18
BZW50- 12
BZW50- 10
t
%Ipp
100
50
0
t r
t< 10
s
r
t
t
%Ipp
100
50
0
t r
t< 10
s
r
tp
Tj initial(°C)
C(nF)
110
100
1
10
100
V(V)
R
BZW 50-39
BZW 50-82
BZW 50-18
0
BZW 50-10
BZW 50-18
0.1
500
Tj= 25 °C
F = 1 MHz
Figure 7.
Capacitance vs. reverse applied
voltage for bidirectional types
(typical values)
Figure 8.
Peak forward voltage drop vs. peak
forward current for unidirectional
types (typical value).(1)
1.
Multiply by 2 for units with VBR > 220 V.
C(nF)
110
100
1
10
100
V(V)
R
0.1
500
BZW 50-18
0B
BZW 50-39B
BZW 50-82B
BZW 50-10B
BZW 50-18B
Tj= 25 °C
F = 1 MHz


유사한 부품 번호 - BZW50-22B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
BZW50-22B STMICROELECTRONICS-BZW50-22B Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-22B EIC-BZW50-22B Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-22B STMICROELECTRONICS-BZW50-22B Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
logo
New Jersey Semi-Conduct...
BZW50-22B NJSEMI-BZW50-22B Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
BZW50-22B NJSEMI-BZW50-22B Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

유사한 설명 - BZW50-22B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com